| Electronic Components Datasheet Search |
|
ELM327P Datasheet(PDF) 26 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM327P Datasheet(HTML) 26 Page - ELM Electronics |
|
26 / 76 page ![]() 26 of 76 ELM327 ELM327DSH Elm Electronics – Circuits for the Hobbyist www.elmelectronics.com WM [1 to 6 bytes] [ set Wakeup Message to… ] This command allows the user to override the default settings for the wakeup messages (sometimes known as the ‘periodic idle’ messages). Simply provide the message that you wish to have sent (typically three header bytes and one to three data bytes), and the ELM327 will then send them as required, at the rate determined by the AT SW setting. Note that you do not have to add a checksum byte to the data – the ELM327 calculates the value and adds it for you. WS [ Warm Start ] This command causes the ELM327 to perform a complete reset which is very similar to the AT Z command, but does not include the power on LED test. Users may find this a convenient way to quickly ‘start over’ without having the extra delay of the AT Z command. If using variable RS232 baud rates (ie AT BRD commands), it is preferred that you reset the IC using this command rather than AT Z, as AT WS will not affect the chosen RS232 baud rate, and AT Z will. Z [ reset all ] This command causes the chip to perform a complete reset as if power were cycled off and then on again. All settings are returned to their default values, and the chip will be put into the idle state, waiting for characters on the RS232 bus. Any baud rate that was set with the AT BRD command will be lost, and the ELM327 will return to the default baud rate setting. @1 [ display the device description ] This command displays the device description string. The default text is ‘OBDII to RS232 Interpreter’. @2 [ display the device identifier ] A device identifier string that was recorded with the @3 command is displayed with the @2 command. All 12 characters and a terminating carriage return will be sent in response, if they have been defined. If no identifier has been set, the @2 command returns an error response (‘?’). The identifier may be useful for storing product codes, production dates, serial numbers, or other such codes. @3 cccccccccccc [ store the device identifier ] This command is used to set the device identifier code. Exactly 12 characters must be sent, and once written to memory, they can not be changed (ie you may only use the @3 command one time). The characters sent must be printable (ascii character values 00x21 to 0x5F inclusive). If you are developing software to write device identifiers, you may be interested in the ELM328 IC, as it allows multiple writes using the @3 command (but it can not send OBD messages). AT Command Descriptions (continued) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |