Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM404P Datasheet(PDF) 8 Page - ELM Electronics

Part # ELM404P
Description  Rotary Decoder - 3 wire 2x Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM404P Datasheet(HTML) 8 Page - ELM Electronics

  ELM404P Datasheet HTML 1Page - ELM Electronics ELM404P Datasheet HTML 2Page - ELM Electronics ELM404P Datasheet HTML 3Page - ELM Electronics ELM404P Datasheet HTML 4Page - ELM Electronics ELM404P Datasheet HTML 5Page - ELM Electronics ELM404P Datasheet HTML 6Page - ELM Electronics ELM404P Datasheet HTML 7Page - ELM Electronics ELM404P Datasheet HTML 8Page - ELM Electronics ELM404P Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Design Considerations
8 of 9
ELM404DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM404
Output Waveforms (continued)
There are a few details to consider when using the
ELM404 to interface to a rotary encoder. The first is
the fact that the signals available from the encoder are
usually only dry contacts closing and opening. You will
need to provide pullup resistors for these signals in
order to use them in a circuit.
The size of the pullup resistor is chosen based on
the encoder specifications. The main concern is the
maximum current carrying capacity, which sets a lower
limit for the pullup resistance. An upper limit for the
resistance is set by the minimum current required for
contact wetting. If you do not provide enough current
through mechanical contacts when they are closed,
they will tend to go open with time. A maximum current
specification is usually in the range of 1 to 10 mA,
while the minimum wetting current would be in the
range of 1 mA. This means that with a 5V supply, a
pullup resistor of 5 to 10 K
Ω is typically required.
The second concern is the use of capacitors on
the ‘A’ and ‘B’ signal lines. Many encoder circuits show
these as a way to provide some pre-filtering of the
signal. That is fine, as long as you realize that the
ELM404 inputs are CMOS and do not have Schmitt
trigger waveshaping. This means that you should keep
the rate of change of the input signal as high as
possible to avoid problems (we usually try to maintain
at least 1V/µsec). Typically, with a 5V supply, a 10 K
Ω
pullup, and TTL thresholds, this means capacitor
values of no more than about 330 pF, while with a
2.0V supply, the limit would be about 100 pF.
One other issue to consider is that during the initial
circuit startup, there is a period (of about 20 msec)
when the ELM404 is being held in a reset state, and
the outputs are in a tristate condition. During this time,
the outputs will sit at the level they were at before
power up (0V) due to stray capacitance having
discharged through the protection diodes. Since the
CS (Chip Select) is an active low output, this may
cause a problem, if your controlled circuit is ready too
fast. If you require that pin 7 (and possibly pin 6) go
high as quickly as possible, you may want to install a
pullup resistor (of about 10 K
Ω) on the output(s) to
ensure that the voltage rises quickly to VDD.
After the initial 20 msec period, the ELM404 sets
all pins to their quiescent levels, but does not change
any outputs for an additional 50 msec. This ensures
that the external circuits have had adequate time to
initialize, before being presented with signals to
process.
CS
Clk
U/D
200 µsec
Figure 5. Up or Clockwise Output
CS
Clk
U/D
200 µsec
Figure 6. Down or Counter-clockwise Output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com