Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM620BA Datasheet(PDF) 9 Page - ELM Technology Corporation

Part # ELM620BA
Description  1.4MHz high efficiency synchronous PWM step up DC/DC converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM620BA Datasheet(HTML) 9 Page - ELM Technology Corporation

Back Button ELM620BA Datasheet HTML 2Page - ELM Technology Corporation ELM620BA Datasheet HTML 3Page - ELM Technology Corporation ELM620BA Datasheet HTML 4Page - ELM Technology Corporation ELM620BA Datasheet HTML 5Page - ELM Technology Corporation ELM620BA Datasheet HTML 6Page - ELM Technology Corporation ELM620BA Datasheet HTML 7Page - ELM Technology Corporation ELM620BA Datasheet HTML 8Page - ELM Technology Corporation ELM620BA Datasheet HTML 9Page - ELM Technology Corporation ELM620BA Datasheet HTML 10Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Rev.1.0
• Vout=5.0V : Cin=22µF, Cout=22µF, L=2.2µH, R1=68.5kΩ, R2=21.7kΩ, Top=25°C
• V=5.0V
1
10
100
1
2
3
4
5
6
Vin=1.8V
Vin=3V
Iout (mA)
Vout-Iout
0
10
20
30
40
50
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Iout (mA)
Vhold-Iout
0 0.5 1 1.5 2 2.5 3 3.5 4
1.0
2.0
3.0
4.0
5.0
6.0
Iout=1mA
10mA
100mA
Vin (V)
Vout-Vin
0.1
1
10
100
0
20
40
60
80
100
Vin=1.8V
Vin=3V
Iout (mA)
EFFICIENCY-Iout
10 -
ELM620BA 1.4MHz
high efficiency synchronous PWM step up DC/DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com