Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS809M Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS809M
Description  Precision supply-voltage monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS809M Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS809M Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS809M Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS809M Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS809M Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS809M Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS809M Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS809M Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS809M Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin Configuration
Pin Description
Pin
Type
Description
VCC
-
Supply Voltage. Reset is asserted when VCC drops below the Reset Threshold Voltage (VRST). Reset
remains asserted until VCC rises above VRST and keep asserted for the duration of the Reset Timeout
Period (tRS) once VCC rises above VRST.
GND
-
Ground
RESET
O
Active-Low Reset Output (Push-Pull). It goes low when Vcc is below the reset threshold. It remains
low for about 200ms after Vcc rises above the reset threshold (VRST).
Functional Description
Reset Output
A microprocessor (
µP) reset input starts the µP in a known state. Whenever the µP is in an unknown state, it should be held in
reset. The supervisory circuits assert reset during power-up and prevent code execution errors during power-down or brownout
conditions.
On power-up, once Vcc reaches about 1.0V, /RESET is a guaranteed logic low of 0.4V or less. As Vcc rises, /RESET stays low.
When Vcc rises above the reset threshold, an internal timer releases /RESET after about 200ms. /RESET pulses low whenever
Vcc drops below the reset threshold, i.e. brownout condition. If brownout occurs in the middle of a previously initiated reset pulse,
guaranteed to be 0.4V or less until Vcc drops below 1.0V. Reset Timing Diagram shows the timing relationship.
1
2
VCC
GND
RESET
3
SOT23-3
AMS803/09/10XT
AMS803/09/10
Advanced Monolithic Systems http://www.ams-semitech.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com