Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3021 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3021
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3021 Datasheet HTML 5Page - Linear Technology LT3021 Datasheet HTML 6Page - Linear Technology LT3021 Datasheet HTML 7Page - Linear Technology LT3021 Datasheet HTML 8Page - Linear Technology LT3021 Datasheet HTML 9Page - Linear Technology LT3021 Datasheet HTML 10Page - Linear Technology LT3021 Datasheet HTML 11Page - Linear Technology LT3021 Datasheet HTML 12Page - Linear Technology LT3021 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3008 Series
9
3008fc
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
SHDN Pin Input Current
SHDN Pin Input Current
0
0.8
1.8
2
10
20
30
0.4
1.4
0.6
1.6
0.2
0
1.2
1
515
45
25
35
40
3008 G22
SHDN PIN VOLTAGE (V)
–50
0.8
2
0
25
75
0.4
1.6
0.6
1.8
0.2
0
1.4
1
1.2
–25
100
150
50
125
3008 G23
TEMPERATURE (°C)
VSHDN = 45V
Current Limit
Reverse-Output Current
40
100
20
70
80
30
90
10
0
60
50
3008 G24
TEMPERATURE (°C)
–50
0
75
–25
25
150
50
100 125
VIN = 2V
VIN = 45V
3008 G25
TEMPERATURE (°C)
20
50
10
35
40
15
45
5
0
30
25
–50
0
75
–25
25
150
50
100 125
OUT
ADJ
OUT = ADJ = 1.2V
IN = SHDN = GND
Input Ripple Rejection
0
10
30
20
40
50
70
60
90
80
FREQUENCY (Hz)
3008 G26
10
100
1000
100000
10000
1000000
VIN = 2.1V + 50mVRMS
VOUT = 600mV
ILOAD = 20mA
2.2μF
10μF
Input Ripple Rejection
60
80
30
40
50
70
20
10
0
3008 G27
TEMPERATURE (°C)
–50
0
75
–25
25
150
50
100 125
VIN = VOUT (NOMINAL) + 2V + 0.5VP-P
RIPPLE AT f = 120Hz
ILOAD = 20mA
GND Pin Current
LT3008-5
0
200
450
500
2
4
6
100
350
150
400
50
0
300
250
1
3
8
10
5
7
9
3008 G19
INPUT VOLTAGE (V)
RL = 250Ω, IL = 20mA
RL = 500Ω, IL = 10mA
RL = 5k, IL = 1mA
RL = 50k, IL = 100μA
GND Pin Current vs ILOAD
1
10
100
1000
LOAD (mA)
3008 G20
0.001
0.01
0.1
1
10
100
VIN = 3.8V
VOUT = 3.3V
–50
0.6
1.4
1.5
075
0.3
1.2
1.1
0.4
0.5
1.3
0.1
0.2
0
1
0.9
0.8
0.7
–25
25
150
50
100 125
3008 G21
TEMPERATURE (°C)
OFF TO ON
ON TO OFF
SHDN Pin Thresholds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com