Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3012 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3012
Description  3關A IQ, 20mA Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3012 Datasheet(HTML) 2 Page - Linear Technology

  LT3012 Datasheet HTML 1Page - Linear Technology LT3012 Datasheet HTML 2Page - Linear Technology LT3012 Datasheet HTML 3Page - Linear Technology LT3012 Datasheet HTML 4Page - Linear Technology LT3012 Datasheet HTML 5Page - Linear Technology LT3012 Datasheet HTML 6Page - Linear Technology LT3012 Datasheet HTML 7Page - Linear Technology LT3012 Datasheet HTML 8Page - Linear Technology LT3012 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3009 Series
2
3009fd
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage .........................................................±22V
OUT Pin Voltage......................................................±22V
Input-to-Output Differential Voltage ........................±22V
ADJ Pin Voltage ......................................................±22V
SHDN Pin Voltage (Note 8) .....................................±22V
Output Short-Circuit Duration .......................... Indefinite
(Note 1)
TOP VIEW
GND
SHDN
IN
ADJ/NC*
OUT
OUT
DC PACKAGE
6-LEAD (2mm
2mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 65°C/W TO 85°C/W**
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
SHDN 1
GND 2
GND 3
GND 4
8 NC
7 ADJ/NC*
6 OUT
5 IN
TOP VIEW
SC8 PACKAGE
8-LEAD PLASTIC SC70
TJMAX = 125°C, θJA = 75°C/W TO 95°C/W**
Operating Junction Temperature Range (Notes 2, 3)
(E, I Grades) ......................................–40°C to 125°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature: Soldering, 10 sec
SC8 Package Only............................................. 300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3009EDC#PBF
LT3009EDC#TRPBF
LCQX
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009IDC#PBF
LT3009IDC#TRPBF
LCQX
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009EDC-1.2#PBF
LT3009EDC-1.2#TRPBF
LDTW
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009IDC-1.2#PBF
LT3009IDC-1.2#TRPBF
LDTW
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009EDC-1.5#PBF
LT3009EDC-1.5#TRPBF
LDVB
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009IDC-1.5#PBF
LT3009IDC-1.5#TRPBF
LDVB
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009EDC-1.8#PBF
LT3009EDC-1.8#TRPBF
LDKC
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009IDC-1.8#PBF
LT3009IDC-1.8#TRPBF
LDKC
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009EDC-2.5#PBF
LT3009EDC-2.5#TRPBF
LDTY
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009IDC-2.5#PBF
LT3009IDC-2.5#TRPBF
LDTY
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009EDC-3.3#PBF
LT3009EDC-3.3#TRPBF
LDKD
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009IDC-3.3#PBF
LT3009IDC-3.3#TRPBF
LDKD
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009EDC-5#PBF
LT3009EDC-5#TRPBF
LDKF
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009IDC-5#PBF
LT3009IDC-5#TRPBF
LDKF
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
* The ADJ pin is not connected in fixed output voltage versions.
** See the Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com