Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1609 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1609
Description  Serial 12-Bit/14-Bit, 2.8Msps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609 Datasheet(HTML) 1 Page - Linear Technology

  LTC1609 Datasheet HTML 1Page - Linear Technology LTC1609 Datasheet HTML 2Page - Linear Technology LTC1609 Datasheet HTML 3Page - Linear Technology LTC1609 Datasheet HTML 4Page - Linear Technology LTC1609 Datasheet HTML 5Page - Linear Technology LTC1609 Datasheet HTML 6Page - Linear Technology LTC1609 Datasheet HTML 7Page - Linear Technology LTC1609 Datasheet HTML 8Page - Linear Technology LTC1609 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC1403-1/LTC1403A-1
1
14031fc
BLOCK DIAGRAM
FEATURES
DESCRIPTION
Serial 12-Bit/14-Bit, 2.8Msps
Sampling ADCs with Shutdown
APPLICATIONS
n
2.8Msps Conversion Rate
n
Low Power Dissipation: 14mW
n
3V Single Supply Operation
n
2.5V Internal Bandgap Reference can be Overdriven
n
3-Wire Serial Interface
n
Sleep (10µW) Shutdown Mode
n
Nap (3mW) Shutdown Mode
n
80dB Common Mode Rejection
n
±1.25V Bipolar Input Range
n
Tiny 10-Lead MSE Package
n
Communications
n
Data Acquisition Systems
n
Uninterrupted Power Supplies
n
Multiphase Motor Control
n
Multiplexed Data Acquisition
The LTC®1403-1/LTC1403A-1 are 12-bit/14-bit, 2.8Msps
serial ADCs with differential inputs. The devices draw only
4.7mA from a single 3V supply and come in a tiny 10-lead
MSE package. A Sleep shutdown feature lowers power
consumption to 10µW. The combination of speed, low
powerandtinypackagemakestheLTC1403-1/LTC1403A-1
suitable for high speed, portable applications.
The 80dB common mode rejection allows users to elimi-
nate ground loops and common mode noise by measuring
signals differentially from the source.
The devices convert –1.25V to 1.25V bipolar inputs
differentially. The absolute voltage swing for AIN+ and
AIN– extends from ground to the supply voltage.
Theserialinterfacesendsouttheconversionresultsduring
the16clockcyclesfollowingCONV↑forcompatibilitywith
standard serial interfaces. If two additional clock cycles
for acquisition time are allowed after the data stream in
between conversions, the full sampling rate of 2.8Msps
can be achieved with a 50.4MHz clock.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.
14031 TA01a
–
+
1
2
7
3
4
S & H
GND
EXPOSED PAD
LTC1403A-1
VREF
10µF
AIN–
AIN+
14-BIT ADC
3V
10µF
14
8
10
9
THREE-
STATE
SERIAL
OUTPUT
PORT
2.5V
REFERENCE
TIMING
LOGIC
VDD
SDO
CONV
SCK
5
6
11
THD, 2nd and 3rd vs Input
Frequency for Differential Input
Signals
FREQUENCY (MHz)
0.1
–80
–74
–68
–62
–56
1
10
100
14031 TA01b
–86
–92
–98
–104
–50
–44
THD
3rd
2nd


Similar Part No. - LTC1609

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609 Datasheet
358Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps
LTC1609 LINER-LTC1609 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1609 LINER-LTC1609 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1609 LINER-LTC1609 Datasheet
1Mb / 40P
Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC1609

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7242 AD-AD7242 Datasheet
319Kb / 12P
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
logo
Linear Technology
LTC1403 LINER-LTC1403 Datasheet
323Kb / 20P
Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1 Datasheet
416Kb / 20P
Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_12 Datasheet
358Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps
logo
Analog Devices
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
logo
Linear Technology
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1_15 Datasheet
653Kb / 22P
Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com