Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2159 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2159
Description  16-Bit, 20Msps Low Power ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2159 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2159 Datasheet HTML 10Page - Linear Technology LTC2159 Datasheet HTML 11Page - Linear Technology LTC2159 Datasheet HTML 12Page - Linear Technology LTC2159 Datasheet HTML 13Page - Linear Technology LTC2159 Datasheet HTML 14Page - Linear Technology LTC2159 Datasheet HTML 15Page - Linear Technology LTC2159 Datasheet HTML 16Page - Linear Technology LTC2159 Datasheet HTML 17Page - Linear Technology LTC2159 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC2159
14
2159f
FuncTional block DiagraM
CONVERTER OPERATION
The LTC2159 is a low power, 16-bit, 20Msps A/D converter
that is powered by a single 1.8V supply. The analog inputs
should be driven differentially. The encode input can be
driven differentially or single-ended for lower power con-
sumption. The digital outputs can be CMOS, double data
rate CMOS (to halve the number of output lines), or double
data rate LVDS (to reduce digital noise in the system).
Many additional features can be chosen by programming
the mode control registers through a serial SPI port.
Figure 1. Functional Block Diagram
applicaTions inForMaTion
ANALOG INPUT
The analog inputs are differential CMOS sample-and-hold
circuits(Figure2).Theinputsshouldbedrivendifferentially
around a common mode voltage set by the VCM output
pin, which is nominally VDD/2. For the 2V input range,
the inputs should swing from VCM – 0.5V to VCM + 0.5V.
Thereshouldbe180°phasedifferencebetweentheinputs.
DIFF
REF
AMP
REF
BUF
2.2µF
0.1µF
0.1µF
CLOCK/DUTY
CYCLE
CONTROL
RANGE
SELECT
1.25V
REFERENCE
ENC+
REFH
REFL
ENC–
SDO
CS
OGND
OF
OVDD
D15
CLKOUT–
CLKOUT+
D0
2159 BD
SENSE
VREF
2.2µF
VCM
0.1µF
VDD/2
MODE
CONTROL
REGISTERS
OUTPUT
DRIVERS
SCK
PAR/SER
SDI
•
•
•
REFL INTERNAL CLOCK SIGNALS
REFH
S/H
ANALOG
INPUT
16-BIT
ADC CORE
CORRECTION
LOGIC
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com