Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1407 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1407
Description  Serial 12-Bit/14-Bit, 3.5Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 5 Page - Linear Technology

  LTC1407 Datasheet HTML 1Page - Linear Technology LTC1407 Datasheet HTML 2Page - Linear Technology LTC1407 Datasheet HTML 3Page - Linear Technology LTC1407 Datasheet HTML 4Page - Linear Technology LTC1407 Datasheet HTML 5Page - Linear Technology LTC1407 Datasheet HTML 6Page - Linear Technology LTC1407 Datasheet HTML 7Page - Linear Technology LTC1407 Datasheet HTML 8Page - Linear Technology LTC1407 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC2356-12/LTC2356-14
5
2356fb
TIMING CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: When these pins are taken below GND or above VDD, they will be
clamped by internal diodes. This product can handle input currents greater
than 100mA below GND or greater than VDD without latchup.
Note 4: Offset and full-gain specifications are measured for a single-ended
AIN+ input with AIN– grounded and using the internal 2.5V reference.
Note 5: Integral linearity is tested with an external 2.55V reference and is
defined as the deviation of a code from the straight line passing through
the actual endpoints of a transfer curve. The deviation is measured from
the center of quantization band.
Note 6: Guaranteed by design, not subject to test.
Note 7: Recommended operating conditions.
Note 8: The analog input range is defined for the voltage difference
between AIN+ and AIN–. Performance is specified with AIN– = 1.5V DC while
driving AIN+.
Note 9: The absolute voltage at AIN+ and AIN– must be within this range.
Note 10: If less than 3ns is allowed, the output data will appear one
clock cycle later. It is best for CONV to rise half a clock before SCK, when
running the clock at rated speed.
The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VDD = 3.3V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX) Maximum Sampling Rate per Channel
(Conversion Rate)
l
3.5
MHz
tTHROUGHPUT Minimum Sampling Period (Conversion + Acquisiton Period)
l
286
ns
tSCK
Clock Period
(Note 16)
l
15.872
10000
ns
tCONV
Conversion Time
(Note 6)
16
18
SCLK cycles
t1
Minimum High or Low SCLK Pulse Width
(Note 6)
2
ns
t2
CONV to SCK Setup Time
(Notes 6, 10)
3
ns
t3
Nearest SCK Edge Before CONV
(Note 6)
0
ns
t4
Minimum High or Low CONV Pulse Width
(Note 6)
4
ns
t5
SCK
↑ to Sample Mode
(Note 6)
4
ns
t6
CONV
↑ to Hold Mode
(Notes 6, 11)
1.2
ns
t7
16th SCK
↑ to CONV≠ Interval (Affects Acquisition Period)
(Notes 6, 7, 13)
45
ns
t8
Delay from SCK to Valid Data
(Notes 6, 12)
8
ns
t9
SCK
↑ to Hi-Z at SDO
(Notes 6, 12)
6
ns
t10
Previous SDO Bit Remains Valid After SCK
(Notes 6, 12)
2
ns
t12
VREF Settling Time After Sleep-to-Wake Transition
(Note 14)
2
ms
Note 11: Not the same as aperture delay. Aperture delay is smaller (1ns)
because the 2.2ns delay through the sample-and-hold is subtracted from
the CONV to Hold mode delay.
Note 12: The rising edge of SCK is guaranteed to catch the data coming
out into a storage latch.
Note 13: The time period for acquiring the input signal is started by the
16th rising clock and it is ended by the rising edge of convert.
Note 14: The internal reference settles in 2ms after it wakes up from Sleep
mode with one or more cycles at SCK and a 10µF capacitive load.
Note 15: The full power bandwidth is the frequency where the output code
swing drops to 3dB with a 2.5VP-P input sine wave.
Note 16: Maximum clock period guarantees analog performance during
conversion. Output data can be read with an arbitrarily long clock.
Note 17: VDD = 3.3V, fSAMPLE = 3.5Msps.
Note 18: The LTC2356-14 is measured and specified with 14-bit resolution
(1LSB = 152µV) and the LTC2356-12 is measured and specified with
12-bit resolution (1LSB = 610µV).
Note 19: The sampling capacitor at each input accounts for 4.1pF of the
input capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com