Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2855 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2855
Description  20Mbps RS485 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2855 Datasheet(HTML) 5 Page - Linear Technology

  LTC2855 Datasheet HTML 1Page - Linear Technology LTC2855 Datasheet HTML 2Page - Linear Technology LTC2855 Datasheet HTML 3Page - Linear Technology LTC2855 Datasheet HTML 4Page - Linear Technology LTC2855 Datasheet HTML 5Page - Linear Technology LTC2855 Datasheet HTML 6Page - Linear Technology LTC2855 Datasheet HTML 7Page - Linear Technology LTC2855 Datasheet HTML 8Page - Linear Technology LTC2855 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC2859/LTC2861
5
285961fc
Figure 1. Driver DC Characteristics
Figure 2. Driver Output Short-Circuit Current
Figure 4. Driver Enable and Disable Timing Measurement
Figure 3. Driver Timing Measurement
TesT circuiTs
GND
OR
VCC
+
VOC
–
R
R
Z
Y
GND
OR
VCC
DI
DRIVER
+
VOD
–
–7V to +12V
Z
Y
DI
DRIVER
IOSD
+
–
2859/61 F01-2
1/2 VO
tSKEWD, tSKEWDS
tPLHD,
tPLHDS
tPHLD,
tPHLDS
tRD,
tRDS
tFD,
tFDS
VO
OV
VCC
RDIFF
CL
CL
Z
Y
Y, Z
DI
(Y-Z)
2859/61 F03
DRIVER
0
0
90%
10%
90%
10%
DI
1/2 VCC
1/2 VCC
1/2 VCC
tZLD,
tZLDS,
tZLSD,
tZLSDS
tZHD,
tZHDS,
tZHSD,
tZHSDS
tLZD,
tLZDS
0.5V
0.5V
tHZD,
tHZDS,
tSHDN,
tSHDNS
VO
OV
VCC
VCC
GND
OR
VCC
VCC
OR
GND
RL
RL
CL
CL
Z
Y
DE
VCC
OR
GND
VOL
VOH
Y or Z
DE
Z or Y
OV
2859/61 F04
DI
DRIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com