Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6409 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC6409
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC6409 Datasheet HTML 18Page - Linear Technology LTC6409 Datasheet HTML 19Page - Linear Technology LTC6409 Datasheet HTML 20Page - Linear Technology LTC6409 Datasheet HTML 21Page - Linear Technology LTC6409 Datasheet HTML 22Page - Linear Technology LTC6409 Datasheet HTML 23Page - Linear Technology LTC6409 Datasheet HTML 24Page - Linear Technology LTC6409 Datasheet HTML 25Page - Linear Technology LTC6409 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LTC2157-14/
LTC2156-14/LTC2155-14
22
21576514fa
Figure 12. Functional Equivalent of Digital Output Randomizer
Figure 13. Decoding a Randomized Digital
Output Signal
APPLICATIONS INFORMATION
DATA FORMAT
Table 1 shows the relationship between the analog input
voltage, the digital data output bits and the overflow bit.
By default the output data format is offset binary. The 2’s
complement format can be selected by serially program-
ming mode control register A4.
Table 1. Output Codes vs Input Voltage
AIN+ – AIN–
(1.5V Range)
OF
D13-D0
(OFFSET BINARY)
D13-D0
(2’s COMPLEMENT)
>0.75 V
+0.75V
+0.749908V
1
0
0
11 1111 1111 1111
11 1111 1111 1111
11 1111 1111 1110
01 1111 1111 1111
01 1111 1111 1111
01 1111 1111 1110
+0.0000915V
+0.000000V
–0.0000915V
–0.0001831V
0
0
0
0
10 0000 0000 0001
10 0000 0000 0000
01 1111 1111 1111
01 1111 1111 1110
00 0000 0000 0001
00 0000 0000 0000
11 1111 1111 1111
11 1111 1111 1110
–0.7499084V
–0.75V
< –0.75V
0
0
1
00 0000 0000 0001
00 0000 0000 0000
00 0000 0000 0000
10 0000 0000 0001
10 0000 0000 0000
10 0000 0000 0000
Digital Output Randomizer
Interference from the A/D digital outputs is sometimes
unavoidable. Digital interference may be from capacitive or
inductive coupling or coupling through the ground plane.
Even a tiny coupling factor can cause unwanted tones
in the ADC output spectrum. By randomizing the digital
output before it is transmitted off chip, these unwanted
tones can be randomized which reduces the unwanted
tone amplitude.
The digital output is randomized by applying an exclu-
sive-OR logic operation between the LSB and all other
data output bits. To decode, the reverse operation is
applied—an exclusive-OR operation is applied between
the LSB and all other bits. The LSB, OF and CLKOUT out-
puts are not affected. The output randomizer is enabled
by serially programming mode control register A4.
CLKOUT
CLKOUT
OF
D13/D0
D12/D0
•
•
•
D1/D0
D0
21576514 F12
OF
D13
D12
D1
D0
RANDOMIZER
ON
D13
FPGA
PC BOARD
D12
D1
D0
21576514 F13
D0
D1/D0
D12/D0
D13/D0
OF
CLKOUT
LTC2157-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com