Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9002 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM9002
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 3Page - Linear Technology LTM9002 Datasheet HTML 4Page - Linear Technology LTM9002 Datasheet HTML 5Page - Linear Technology LTM9002 Datasheet HTML 6Page - Linear Technology LTM9002 Datasheet HTML 7Page - Linear Technology LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology LTM9002 Datasheet HTML 10Page - Linear Technology LTM9002 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
21576514fa
LTC2157-14/
LTC2156-14/LTC2155-14
LTC2157-14: SNR vs Input Frequency,
–1dBFS, 250Msps
LTC2157-14: SFDR vs Input
Frequency, –1dBFS, 250Msps
LTC2157-14: SNR vs Input Level,
fIN = 70MHz, 250Msps
LTC2157-14: SFDR vs Input Level,
fIN = 70MHz, 250Msps
LTC2157-14: IVDD vs Sample
Rate, 15MHz Sine Wave Input,
–1dBFS
LTC2157-14: Shorted Input
Histogram
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2157-14: Frequency Response
LTC2157-14: IOVDD vs Sample
Rate, 15MHz Sine Wave Input,
–1dBFS
OUTPUT CODE
8198
0
1000
2000
3000
8200 8202 8204 8206
8210
8208
8212
4000
500
1500
2500
3500
8214
21576514 G09
INPUT FREQUENCY (MHz)
0
60
65
70
700
55
50
200
400
100
900
300
500
800
600
1000
45
40
75
21576514 G10
INPUT FREQUENCY (MHz)
0
50
70
90
700
30
20
200
400
100
900
300
500
800
600
1000
10
0
40
60
80
21576514 G11
AMPLITUDE (dBFS)
0
10
30
40
50
70
–50
–30
–20
20
60
–60
–40
–10
0
21576514 G12
dBc
dBFS
AMPLITUDE (dBFS)
0
20
60
80
100
–50
–30 –20
40
120
–70 –60
–80
–40
–10
0
21576514 G13
dBc
dBFS
SAMPLE RATE (Msps)
0
200
220
240
260
280
300
50
100
150
200
250
21576514 G14
SAMPLE RATE (Msps)
0
30
40
50
60
70
80
50
100
150
200
250
21576514 G15
LVDS CURRENT
3.5mA
LVDS CURRENT
1.75mA
1000
100
INPUT FREQUENCY (MHz)
–4.0
–1.5
–1.0
–0.5
–5.0
–2.5
–4.5
–2.0
–5.5
–6.0
–3.0
–3.5
21576514 G16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com