Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1672 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1672
Description  Ultralow Voltage Step-Up Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1672 Datasheet(HTML) 5 Page - Linear Technology

  LT1672 Datasheet HTML 1Page - Linear Technology LT1672 Datasheet HTML 2Page - Linear Technology LT1672 Datasheet HTML 3Page - Linear Technology LT1672 Datasheet HTML 4Page - Linear Technology LT1672 Datasheet HTML 5Page - Linear Technology LT1672 Datasheet HTML 6Page - Linear Technology LT1672 Datasheet HTML 7Page - Linear Technology LT1672 Datasheet HTML 8Page - Linear Technology LT1672 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC3108
5
3108fb
IVOUT vs dT and TEG Size,
1:100 Ratio
IVOUT vs VIN and Source Resistance,
1:50 Ratio
IVOUT vs VIN and Source Resistance,
1:100 Ratio
VIN OPEN-CIRCUIT (mV)
100
10
1000
10000
0
3108 G06
0
200 300
500
100
400
600 700 800
1Ω
2Ω
5Ω
10Ω
C1 = 4.7nF
VIN OPEN-CIRCUIT (mV)
100
1000
10
3108 G07
0
100
200
300
400
500
1Ω
2Ω
5Ω
10Ω
C1 = 1nF
dT ACROSS TEG (°C)
100
10
1000
10000
0
3108 G08
0.1
10
1
100
VOUT = 0V
40mm
TEG
15mm
TEG
1:50 RATIO
1:100 RATIO
1:50 RATIO
1:100 RATIO
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
LDO Load Regulation
Resonant Switching Waveforms
LDO Dropout Voltage
LDO LOAD (mA)
0
–1.00
–0.75
–0.50
0.5
1
1.5
2
3
2.5
3.5
–0.25
0.00
4
3108 G10
LDO LOAD (mA)
0
0.00
0.04
0.08
0.12
0.5
1
1.5
2
3
2.5
3.5
0.16
0.20
0.02
0.06
0.10
0.14
0.18
4
3108 G11
10μs/DIV
C1 PIN
2V/DIV
C2 PIN
2V/DIV
SW PIN
50mV/
DIV
3108 G09
VIN = 20mV
1:100 RATIO TRANSFORMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com