Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1041 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1041
Description  Ultralow Voltage Step-Up Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1041 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1041 Datasheet HTML 14Page - Linear Technology LTC1041 Datasheet HTML 15Page - Linear Technology LTC1041 Datasheet HTML 16Page - Linear Technology LTC1041 Datasheet HTML 17Page - Linear Technology LTC1041 Datasheet HTML 18Page - Linear Technology LTC1041 Datasheet HTML 19Page - Linear Technology LTC1041 Datasheet HTML 20Page - Linear Technology LTC1041 Datasheet HTML 21Page - Linear Technology LTC1041 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC3108-1
18
31081fa
Peltier-Powered Energy Harvester for Remote Sensor Applications
31081 TA02
C1
C2
SW
VS2
VS1
COOPER BUSSMAN PB-5ROH104-R
OR KR-5R5H104-R
VOUT2
VOUT2
PGOOD
2.2V
499k
COUT*
PGD
VLDO
VSTORE
+
VOUT
VOUT2_EN
LTC3108-1
VAUX
GND
CSTORE
0.1F
6.3V
5.25V
3V
1μF
1nF
CIN
1:100
T1
T1: COILCRAFT LPR6235-752SML
*COUT VALUE DEPENDENT ON
THE MAGNITUDE AND DURATION
OF THE LOAD PULSE
330pF
ΔT = 1°C TO 20°C
SENSORS
XMTR
μP
2.2μF
ON
OFF
3V
+
+
+
THERMOELECTRIC
GENERATOR
TYPICAL APPLICATIONS
If there were 50μA of charge current available and 5μA of
load on VOUT, the time for VOUT to reach regulation after
the initial application of power would be 11.35 seconds.
Design Example 2
In many pulsed load applications, the duration, magnitude
and frequency of the load current bursts are known and
fixed. In these cases, the average charge current required
from the LTC3108-1 to support the average load must be
calculated, which can be easily done by the following:
ICHG ≥ IQ +
IBURST •t
T
Where IQ is the sleep current on VOUT required by the ex-
ternal circuitry in between bursts (including cap leakage),
IBURST is the total load current during the burst, t is the
duration of the burst and T is the period of the transmit
burst rate (essentially the time between bursts).
In this example, IQ = 5μA, IBURST = 100mA, t = 5ms and
T = one hour. The average charge current required from
the LTC3108-1 would be:
ICHG ≥ 5μA +
100mA • 0.005sec
3600sec
= 5.14μA
Therefore, if the LTC3108-1 has an input voltage that al-
lows it to supply a charge current greater than 5.14μA, the
application can support 100mA bursts lasting 5ms every
hour. It can be determined that the sleep current of 5μA is
the dominant factor because the transmit duty cycle is so
small (0.00014%). Note that for a VOUT of 3V, the average
power required by this application is only 15.4μW (not
including converter losses).
Note that the charge current available from the LTC3108-1
has no effect on the sizing of the VOUT capacitor (if it is
assumed that the load current during a burst is much larger
than the charge current), and the VOUT capacitor has no
effect on the maximum allowed burst rate.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com