Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5575 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC5575
Description  16-Bit, 20Msps Low Power ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5575 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC5575 Datasheet HTML 24Page - Linear Technology LTC5575 Datasheet HTML 25Page - Linear Technology LTC5575 Datasheet HTML 26Page - Linear Technology LTC5575 Datasheet HTML 27Page - Linear Technology LTC5575 Datasheet HTML 28Page - Linear Technology LTC5575 Datasheet HTML 29Page - Linear Technology LTC5575 Datasheet HTML 30Page - Linear Technology LTC5575 Datasheet HTML 31Page - Linear Technology LTC5575 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC2159
32
2159f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2012
LT 0312 • PRINTED IN USA
Typical applicaTion
relaTeD parTs
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC2259-14/LTC2260-14/
LTC2261-14
14-Bit, 80Msps/105Msps/125Msps
1.8V ADCs, Ultralow Power
89mW/106mW/127mW, 73.4dB SNR, 85dB SFDR, DDR LVDS/DDR CMOS/CMOS
Outputs, 6mm
× 6mm QFN-40
LTC2262-14
14-Bit, 150Msps 1.8V ADC, Ultralow
Power
149mW, 72.8dB SNR, 88dB SFDR, DDR LVDS/DDR CMOS/CMOS Outputs,
6mm
× 6mm QFN-40
LTC2266-14/LTC2267-14/
LTC2268-14
14-Bit, 80Msps/105Msps/125Msps
1.8V Dual ADCs, Ultralow Power
216mW/250mW/293mW, 73.4dB SNR, 85dB SFDR, Serial LVDS Outputs,
6mm
× 6mm QFN-40
LTC2266-12/LTC2267-12/
LTC2268-12
12-Bit, 80Msps/105Msps/125Msps
1.8V Dual ADCs, Ultralow Power
216mW/250mW/293mW, 70.5dB SNR, 85dB SFDR, Serial LVDS Outputs,
6mm
× 6mm QFN-40
LTC2208
16-Bit, 130Msps 3.3V ADC
1250mW, 77.7dB SNR, 100dB SFDR, CMOS/LVDS Outputs, 9mm
× 9mm QFN-64
LTC2207/LTC2206
16-Bit, 105Msps/80Msps 3.3V ADCs
900mW/725mW, 77.9dB SNR, 100dB SFDR, CMOS Outputs, 7mm
× 7mm QFN-48
LTC2217/LTC2216
16-Bit, 105Msps/80Msps 3.3V ADCs
1190mW/970mW, 81.2dB SNR, 100dB SFDR, CMOS/LVDS Outputs,
9mm
× 9mm QFN-64
RF Mixers/Demodulators
LTC5517
40MHz to 900MHz Direct Conversion
Quadrature Demodulator
High IIP3: 21dBm at 800MHz, Integrated LO Quadrature Generator
LTC5527
400MHz to 3.7GHz High Linearity
Downconverting Mixer
24.5dBm IIP3 at 900MHz, 23.5dBm IIP3 at 3.5GHz, NF = 12.5dB,
50Ω Single-Ended RF and LO Ports
LTC5557
400MHz to 3.8GHz High Linearity
Downconverting Mixer
23.7dBm IIP3 at 2.6GHz, 23.5dBm IIP3 at 3.5GHz, NF = 13.2dB, 3.3V Supply
Operation, Integrated Transformer
LTC5575
800MHz to 2.7GHz Direct Conversion
Quadrature Demodulator
High IIP3: 28dBm at 900MHz, Integrated LO Quadrature Generator, Integrated RF
and LO Transformer
Amplifiers/Filters
LTC6412
800MHz, 31dB Range, Analog-Controlled
Variable Gain Amplifier
Continuously Adjustable Gain Control, 35dBm OIP3 at 240MHz, 10dB Noise Figure,
4mm
× 4mm QFN-24
LTC6420-20
1.8GHz Dual Low Noise, Low Distortion
Differential ADC Drivers for 300MHz IF
Fixed Gain 10V/V, 1nV/√Hz Total Input Noise, 80mA Supply Current per Amplifier,
3mm
× 4mm QFN-20
LTC6421-20
1.3GHz Dual Low Noise, Low Distortion
Differential ADC Drivers
Fixed Gain 10V/V, 1nV/√Hz Total Input Noise, 40mA Supply Current per Amplifier,
3mm
× 4mm QFN-20
LTC6605-7/LTC6605-10/
LTC6605-14
Dual Matched 7MHz/10MHz/14MHz
Filters with ADC Drivers
Dual Matched 2nd Order Lowpass Filters with Differential Drivers,
Pin-Programmable Gain, 6mm
× 3mm DFN-22
Signal Chain Receivers
LTM®9002
14-Bit Dual Channel IF/Baseband
Receiver Subsystem
Integrated High Speed ADC, Passive Filters and Fixed Gain Differential Amplifiers
Integral Non-Linearity (INL)
S/H
OUTPUT
DRIVERS
16-BIT
ADC CORE
CLOCK
CONTROL
D15
•
•
•
D0
20MHz
CLOCK
ANALOG
INPUT
2159 TA03a
CMOS,
DDR CMOS OR
DDR LVDS
OUTPUTS
1.8V
VDD
1.8V
OVDD
GND
OGND
OUTPUT CODE
0
–4.0
–3.0
–2.0
–1.0
0
1.0
4.0
3.0
2.0
16384
32768
49152
65536
2159 TA03b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com