Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1672 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1672
Description  Ultralow Voltage Step-Up Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1672 Datasheet(HTML) 1 Page - Linear Technology

  LT1672 Datasheet HTML 1Page - Linear Technology LT1672 Datasheet HTML 2Page - Linear Technology LT1672 Datasheet HTML 3Page - Linear Technology LT1672 Datasheet HTML 4Page - Linear Technology LT1672 Datasheet HTML 5Page - Linear Technology LT1672 Datasheet HTML 6Page - Linear Technology LT1672 Datasheet HTML 7Page - Linear Technology LT1672 Datasheet HTML 8Page - Linear Technology LT1672 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC3108-1
1
31081fa
TYPICAL APPLICATION
DESCRIPTION
Ultralow Voltage Step-Up
Converter and Power Manager
The LTC®3108-1 is a highly integrated DC/DC converter ideal
forharvestingandmanagingsurplusenergyfromextremely
low input voltage sources such as TEGs (thermoelectric
generators), thermopiles and small solar cells. The step-up
topology operates from input voltages as low as 20mV.
Using a small step-up transformer, the LTC3108-1 provides
a complete power management solution for wireless sens-
ing and data acquisition. The 2.2V LDO powers an external
microprocessor, while the main output is programmed to
one of four fixed voltages to power a wireless transmitter
or sensors. The power good indicator signals that the main
output voltage is within regulation. A second output can be
enabled by the host. A storage capacitor provides power
when the input voltage source is unavailable. Extremely
low quiescent current and high efficiency design ensure
the fastest possible charge times of the output reservoir
capacitor. The LTC3108-1 is functionally equivalent to the
LTC3108 except for its unique fixed VOUT options.
The LTC3108-1 is available in a small, thermally enhanced
12-lead (3mm × 4mm) DFN package and a 16-lead SSOP
package.
Wireless Remote Sensor Application
Powered From a Peltier Cell
FEATURES
APPLICATIONS
n Operates from Inputs of 20mV
n Complete Energy Harvesting Power
Management System
- Selectable VOUT of 2.5V, 3V, 3.7V or 4.5V
- LDO: 2.2V at 3mA
- Logic Controlled Output
- Reserve Energy Output
n Power Good Indicator
n Uses Compact Step-Up Transformers
n Small 12-Lead (3mm × 4mm) DFN or 16-Lead
SSOP Packages
n Remote Sensors and Radio Power
n Surplus Heat Energy Harvesting
n HVAC Systems
n Industrial Wireless Sensing
n Automatic Metering
n Building Automation
n Predictive Maintenance
31081 TA01a
C1
THERMOELECTRIC
GENERATOR
20mV TO 500mV
C2
SW
VS2
VS1
VOUT2
PGOOD
2.2V
470μF
PGD
VLDO
VSTORE
+
VOUT
VOUT2_EN
LTC3108-1
VAUX
GND
0.1F
6.3V
5.25V
3V
1μF
1nF
220μF
1:100
330pF
SENSORS
RF LINK
μP
2.2μF
+
+
+
VOUT Charge Time
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
VIN (mV)
10
1
100
1000
0
31081 TA01b
0
100 150
250
50
200
300 350 400
VOUT = 3V
COUT = 470μF
1:100 Ratio
1:50 Ratio
1:20 Ratio


Similar Part No. - LT1672

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1672 LINER-LT1672 Datasheet
211Kb / 12P
2MMax, AV=>5 SINGLE, DUAL AND QUAD OVER-THE-TOP PRECISION RAIL-TO-RAIL INPUT AND OUTPUT OP AMPS
LT1672 LINER-LT1672 Datasheet
237Kb / 22P
Ultralow Voltage Step-Up Converter
LT1672 LINER-LT1672 Datasheet
244Kb / 24P
Auto-Polarity, Ultralow Voltage Step-Up Converter
LT1672 LINER-LT1672 Datasheet
220Kb / 12P
Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1672CMS8 LINER-LT1672CMS8 Datasheet
211Kb / 12P
2MMax, AV=>5 SINGLE, DUAL AND QUAD OVER-THE-TOP PRECISION RAIL-TO-RAIL INPUT AND OUTPUT OP AMPS
More results

Similar Description - LT1672

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
STEP-UP VOLTAGE CONVERTER
logo
Linear Technology
LTC3108 LINER-LTC3108 Datasheet
258Kb / 20P
Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108_10 Datasheet
1Mb / 22P
Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109 Datasheet
334Kb / 24P
Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1 Datasheet
1Mb / 24P
Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
Ultralow Voltage Step-Up Converter
LTC3109 LINER-LTC3109_12 Datasheet
244Kb / 24P
Auto-Polarity, Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_15 Datasheet
385Kb / 22P
Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109_15 Datasheet
420Kb / 24P
Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1_15 Datasheet
406Kb / 24P
Ultralow Voltage Step-Up Converter and Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com