Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1674 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1674
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1674 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1674 Datasheet HTML 10Page - Linear Technology LT1674 Datasheet HTML 11Page - Linear Technology LT1674 Datasheet HTML 12Page - Linear Technology LT1674 Datasheet HTML 13Page - Linear Technology LT1674 Datasheet HTML 14Page - Linear Technology LT1674 Datasheet HTML 15Page - Linear Technology LT1674 Datasheet HTML 16Page - Linear Technology LT1674 Datasheet HTML 17Page - Linear Technology LT1674 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC3109
14
3109fa
APPLICATIONS INFORMATION
GND
10μF
LTC3109
3109 F03a
C1A
C1
1nF
330k
T1
••
VOUT2
VOUT2
C2A
C1B
C2B
SWB
VINB
VS1
VOUT
SET
VS2
SWA
VINA
VOUT
VLDO
VLDO
VOUT
2.2μF
CIN
VIN
PG00D
VOUT2_EN
PG00D
VOUT2_ENABLE
NOTE: VALUES FOR CIN, T1, C1 AND COUT
ARE DETERMINED BY THE APPLICATION
VSTORE
VAUX
+
COUT
+
Figure 3. Unipolar Application
Typical IVOUT vs VIN for Unipolar
Configuration
Typical Efficiency vs VIN for
Unipolar Configuration
VIN (mV)
10
10
100
1000
10000
100
1000
3109 F03b
1:100, C1 = 6.8nF
1:50, C1 = 33nF
1:20, C1 = 68nF
VOUT = 3.3V
VIN (mV)
10
20
30
40
100
1000
3109 F03c
10
0
60
50
15
25
35
5
55
45
1:100, C1 = 6.8nF
1:50, C1 = 33nF
1:20, C1 = 68nF
Typical Input Current vs VIN for
Unipolar Configuration
Typical RIN vs VIN for Unipolar
Configuration
VIN (mV)
10
200
300
400
100
1000
3109 F03d
100
0
600
500
150
250
350
50
550
450
1:100, C1 = 6.8nF
1:50, C1 = 33nF
1:20, C1 = 68nF
VIN (mV)
10
1.0
2.0
100
1000
3109 F03e
0
4.0
3.0
1.5
0.5
3.5
2.5
1:100, C1 = 6.8nF
1:50, C1 = 33nF
1:20, C1 = 68nF
dT (°K)
100
0.1
1
10
10
3109 F03f
VOUT = 5V
VOUT = 3.3V
FERROTEC 9500/127/100B, 40mm TEG
C1 = 33nF,
T1 = COILCRAFT LPR6235-123QML
1:50 RATIO
Typical PVOUT vs dT for Unipolar
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com