Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3750 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3750
Description  2-Cell Supercapacitor Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3750 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3750 Datasheet HTML 8Page - Linear Technology LT3750 Datasheet HTML 9Page - Linear Technology LT3750 Datasheet HTML 10Page - Linear Technology LT3750 Datasheet HTML 11Page - Linear Technology LT3750 Datasheet HTML 12Page - Linear Technology LT3750 Datasheet HTML 13Page - Linear Technology LT3750 Datasheet HTML 14Page - Linear Technology LT3750 Datasheet HTML 15Page - Linear Technology LT3750 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3226
16
3226fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2011
LT 0512 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
Li-Ion Backup Supply
VOUT
GATE
MPEXT
VIN
PFI
C+
CFLY
2.2μF
R1
2.21M
R2
1.21M
C–
PROG
EN_CHG
H/L
RST
PFO
CAPGOOD
GND
LTC3226
CPO
VMID
C1
4.7μF
Li-Ion
47μF
TO LOAD
5V
RPROG
33.2k
R4
3.83M
CSC
1.2F
R6
1.21M
R3
255k
R4
80.6k
470k
CSC: CAP-XX HS230
MPEXT: VISHAY Si2333
470k
470k
3226 TA02
CPO_FB
LDO_FB
RST_FB
+
μP
PART
NUMBER
DESCRIPTION
COMMENTS
LTC3225/
LTC3225-1
150mA Supercapacitor Charger
Low Noise, Constant Frequency Charging of Two Series Supercapacitors. Automatic
Cell Balancing Prevents Capacitor Overvoltage During Charging. Programmable Charge
Current (Up to 150mA). Selectable 2.4V or 2.65V Regulation per Cell (LTC3225),
Selectable 2V or 2.25V Regulation per Cell (LTC3225-1). 2mm
× 3mm DFN Package
LT3485
Photoflash Capacitor Chargers with Output
Voltage Monitor and Integrated IGBT Drive
Integrated IGBT Driver; Voltage Output Monitor; Uses Small Transformers: 5.8mm
× 5.8mm × 3mm. Operates from Two AA Batteries, Single Cell Li-Ion or Any Supply
from 1.8V Up to 10V. No Output Voltage Divider Needed; No External Schottky Diode
Required. Charges Any Size Photoflash Capacitor; 10-Lead (3mm
× 3mm) DFN Package
LTC3625/
LTC3625-1
1A High Efficiency 2-Cell Supercapacitor
Charger with Automatic Cell Balancing
High Efficiency Step-Up/Step-Down Charging of Two Series Supercapacitors. Automatic
Cell Balancing Prevents Capacitor Overvoltage During Charging. Programmable
Charging Current Up to 500mA (Single Inductor), 1A (Dual Inductor). VIN = 2.7V
to 5.5V, Selectable 2.4V/2.65V Regulation per Cell (LTC3625). Selectable 2V/2.25V
Regulation per Cell (LTC3625-1), Low No-Load Quiescent Current: 23μA.
12-lead 3mm
× 4mm DFN Package
LT3750
Capacitor Charger Controller
Charges Any Size Capacitor; Easily Adjustable Output Voltage. Drives High Current
NMOS FETs; Primary-Side Sense—No Output Voltage Divider Necessary. Wide Input
Range: 3V to 24V; Drives Gate to VCC – 2V. 10-Lead MS Package
LT3751
High Voltage Capacitor Charger Controller with
Regulation
Charges Any Size Capacitor; Low Noise Output in Voltage Regulation Mode. Stable
Operation Under a No-Load Condition; Integrated 2A MOSFET Gate Driver with
Rail-to-Rail Operation for VCC ≤ 8V. Selectable 5.6V or 10.5V Internal Gate Drive Voltage
Clamp; User-Selectable Over/Undervoltage Detect. Easily Adjustable Output Voltage;
Primary or Secondary Side Output Voltage Sense. Wide Input VCC Voltage Range
(5V to 24V). 20-Pin QFN 4mm
× 5mm and 20-Lead TSSOP Packages
LTC4425
Supercapacitor Charger with Current Limited
Ideal Diode
Constant-Current/Constant-Voltage Linear Charger for 2-cell Series Supercapacitor
Stack. VIN: Li-Ion/Polymer Battery, a USB Port, or a 2.7V to 5.5V Current-Limited
Supply. 2A Charge Current, Auto Cell Balancing, 20μA Quiescent Current, Shutdown
Current <2μA. Low Profile 12-Pin 3mm
× 3mm DFN or a 12-Lead MSOP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com