Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3556 Datasheet(PDF) 49 Page - Linear Technology

Part # LTC3556
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3556 Datasheet(HTML) 49 Page - Linear Technology

Back Button LTC3556 Datasheet HTML 42Page - Linear Technology LTC3556 Datasheet HTML 43Page - Linear Technology LTC3556 Datasheet HTML 44Page - Linear Technology LTC3556 Datasheet HTML 45Page - Linear Technology LTC3556 Datasheet HTML 46Page - Linear Technology LTC3556 Datasheet HTML 47Page - Linear Technology LTC3556 Datasheet HTML 48Page - Linear Technology LTC3556 Datasheet HTML 49Page - Linear Technology LTC3556 Datasheet HTML 50Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
49
3589fe
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
9/10
Removed 0V from LDO4 on Block Diagram
15
B
12/10
Updated Part Marking in Order Information section
3
C
02/11
LTC3589-1 part added. Changes reflected throughout the data sheet
1-46
D
01/12
Updated part numbers on iMx application processors
Updated Absolute Maximum Ratings and Pin Configuration sections
Added Reference Designs and Drivers section
Added Typical Application
Updated Typical Application
1, 42
3
43
44
45
E
03/12
Added LTC3589-2 throughout
Updated Table 1: LTC3589/-1/-2 Functional Differences
Clarified Enable and Power-On Sequencing section
Clarified I2C Command and Status Register sections
Enhanced Command Register Table
Added section on Back-Driving Outputs
1-50
17
31-32
37
38-39
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com