Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3608 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3608
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3608 Datasheet(HTML) 3 Page - Linear Technology

  LTC3608 Datasheet HTML 1Page - Linear Technology LTC3608 Datasheet HTML 2Page - Linear Technology LTC3608 Datasheet HTML 3Page - Linear Technology LTC3608 Datasheet HTML 4Page - Linear Technology LTC3608 Datasheet HTML 5Page - Linear Technology LTC3608 Datasheet HTML 6Page - Linear Technology LTC3608 Datasheet HTML 7Page - Linear Technology LTC3608 Datasheet HTML 8Page - Linear Technology LTC3608 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC3613
3
3613fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VIN
Input Voltage Operating Range
l
4.5
24
V
VOUT
Output Voltage Operating Range
l
0.6
5.5
V
IQ
Input DC Supply Current
Normal
Shutdown Supply Current
MODE/PLLIN = INTVCC
RUN = 0V
2
15
4
25
mA
μA
VREG
Regulated Differential Feedback Voltage
(VOSNS+ – VOSNS–)
ITH = 1.2V (Note 3)
TA = 25°C
TA = 0°C to 85°C
TA = –40°C to 125°C
l
l
0.5985
0.596
0.594
0.6
0.6
0.6
0.6015
0.604
0.606
V
V
V
Regulated Differential Feedback
Voltage Over Line, Load and Common Mode
(VOSNS+ – VOSNS–)
VIN = 4.5V to 24V, ITH = 0.5V to 1.9V,
VOSNS– = ±500mV (Note 3)
TA = 0°C to 85°C
TA = –40°C to 125°C
l
l
0.594
0.591
0.6
0.6
0.606
0.609
V
V
tON(MIN)
Minimum On-Time
65
ns
tOFF(MIN)
Minimum Off-Time
105
ns
gm(EA)
Error Amplifier Transconductance
ITH = 1.2V (Note 3)
l
1.4
1.7
2
mS
VSENSE(MAX)
Valley Current Sense Threshold,
VSENSE+ – VSENSE–,
Peak Current = Valley + Ripple
VRNG = 2V, VFB = 0.57V
VRNG = 0V, VFB = 0.57V
VRNG = INTVCC, VFB = 0.57V
l
l
l
80
22
39
100
30
50
120
38
61
mV
mV
mV
VSENSE(MIN)
Minimum Current Sense Threshold,VSENSE+ –
VSENSE–, Force Continuous Operation
VRNG = 2V, VFB = 0.63V
VRNG = 0V, VFB = 0.63V
VRNG = INTVCC, VFB = 0.63V
–50
–15
–25
mV
mV
mV
VSENSE(CM)
SENSE+, SENSE– Voltage Range (Common
Mode)
l
–0.5
5.5
V
ISENSE
SENSE+, SENSE– Input Bias Current
VSENSE(CM) = 0.6V
VSENSE(CM) = 5V
±5
1
±50
4
nA
μA
VRUN(TH)
RUN Pin On Threshold
VRUN Rising
l
1.1
1.2
1.3
V
VRUN(HYS)
RUN Pin Hysteresis
80
mV
ISS
Soft-Start Charging Current
VTRACKSS = 0V
1.0
μA
UVLO
INTVCC Undervoltage Lockout
INTVCC Undervoltage Lockout Release
Falling
Rising
l
l
3.4
3.65
4.2
4.0
4.5
V
V
IVOSNS+
VOSNS+ Input Bias Current
VFB = 0.6V
±5
±25
nA
IVOSNS–
VOSNS– Input Bias Current
VFB = 0.6V
–15
–50
μA
The
l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. SVIN = 15V, VFB = VOSNS+ – VOSNS–, unless otherwise noted. (Note 4)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com