Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2913 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2913
Description  Temperature Sensor and Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 12Page - Linear Technology LTC2913 Datasheet HTML 13Page - Linear Technology LTC2913 Datasheet HTML 14Page - Linear Technology LTC2913 Datasheet HTML 15Page - Linear Technology LTC2913 Datasheet HTML 16Page - Linear Technology LTC2913 Datasheet HTML 17Page - Linear Technology LTC2913 Datasheet HTML 18Page - Linear Technology LTC2913 Datasheet HTML 19Page - Linear Technology LTC2913 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC2995
18
2995f
TYPICAL APPLICATIONS
Celsius Thermometer and ±10% Voltage Monitor (1.8V and 2.5V)
±10% Voltage Monitor (12V and 5V) and –20°C to 70°C Internal UT/OT Monitor with
Manual Undervoltage Reset Button
POWER
SUPPLIES
VH1
VL1
VH2
VL2
D+
D
LTC2995
44.2k
115k
12V
5V
4.53k
VT1
VT2
43k
36k
102k
OT T > 70°C
UT T < –20°C
+10%
–10%
GND
TMR
VREF
4.53k
1k
MANUAL
RESET BUTTON
(NORMALLY OPEN)
1k
VPTAT
TO2
TO1
OV
UV
VCC
PS
DS
0.1μF
SYSTEM
RESET
2995 TA05
POWER
SUPPLIES
VH1
VL1
VH2
VL2
D+
D
LTC2995
194k
124k
2.5V
1.8V
45.3k
2995 TA04
VT1
VT2
+10%
–10%
1.8V
100k
1k
4mV/K
GND
TMR
TO2
TO1
45.3k
10.2k
10.2k
VPTAT
OV
UV
VCC
PS
DS
0.1μF
5nF
470pF
MMBT3904
VREF
+
62k
143k
1μF
0.1μF
LTC1150
5V
–5V
10mV/°C
0V AT 0°C
150k
1.8k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com