Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3586 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3586
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3586 Datasheet HTML 2Page - Linear Technology LTC3586 Datasheet HTML 3Page - Linear Technology LTC3586 Datasheet HTML 4Page - Linear Technology LTC3586 Datasheet HTML 5Page - Linear Technology LTC3586 Datasheet HTML 6Page - Linear Technology LTC3586 Datasheet HTML 7Page - Linear Technology LTC3586 Datasheet HTML 8Page - Linear Technology LTC3586 Datasheet HTML 9Page - Linear Technology LTC3586 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
6
3589fe
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LDO Regulator 4 (LDO4)
VIN_LDO34
VIN_LDO34 Input Range (LTC3589)
VIN_LDO34 Input Range (LTC3589-1/LTC3589-2)
l
l
2.35
1.7
VIN
VIN
V
V
IVIN_LDO34
VIN_LDO34 Quiescent Current
VIN_LDO34 Shutdown Current
Regulator Enabled
Regulator Disabled
l
l
14
0
24
1
μA
μA
IVIN
Enabled VIN Quiescent Current
l
50
85
μA
VLDO4
(LTC3589)
LDO 4 Output Voltage
ILDO4 = 1mA, L2DTV2[6:5] = 00
L2DTV2[6:5] = 01
L2DTV2[6:5] = 10
L2DTV2[6:5] = 11
l
l
l
l
2.716
2.425
1.746
3.201
2.8
2.5
1.8
3.3
2.884
2.575
1.854
3.399
V
V
V
V
VLDO4
(LTC3589-1)
(LTC3589-2)
LDO 4 Output Voltage
ILDO4 = 1mA, L2DTV2[6:5] = 00
L2DTV2[6:5] = 01
L2DTV2[6:5] = 10
L2DTV2[6:5] = 11
l
l
l
l
1.164
1.746
2.425
3.104
1.2
1.8
2.5
3.2
1.236
1.854
2.575
3.296
V
V
V
V
LD04 Line Regulation
ILDO4 =1mA, VINLDO4 = 2.7V to 5.5V,
VOUT = 1.8V
0.01
%/V
LDO4 Load Regulation
ILDO4 = 1mA to 250mA
0.05
%
ILDO4
LDO4 Available Output Current
l
250
mA
ILDO4_SC
LDO4 Short-Circuit Current Limit
300
450
600
mA
VDROP4
LDO4 Dropout Voltage (Note 4)
ILDO4 = 200mA, VLDO4 = 3.3V
ILDO4 = 200mA, VLDO4 = 1.8V
ILDO4 = 200mA, VLDO4 = 3.2V (LTC3589-1/
LTC3589-2)
120
190
120
160
250
160
mV
mV
mV
Enable Inputs
VENx_THR
Threshold Rising, All Enables Low
l
0.8
1.2
V
VENx_THR2
VENx_THF2
Threshold Rising, Any Enable High
Threshold Falling, Any Enable High
l
l
0.420
0.5
0.45
0.530
V
V
RENX
Input Pull-Down Resistance
4.5
MΩ
VSTB, PWR_ON Inputs
VVSTB_THR
VVSTB_THF
VSTB Pin Threshold Rising
VSTB Pin Threshold Falling
l
l
0.4
0.8
0.7
1.2
V
V
RVSTB
Pull-Down Resistance
4.5
MΩ
VPWR_ONTHR
VPWR_ONTHF
PWR_ON Pin Threshold Rising
PWR_ON Pin Threshold Falling
l
l
0.4
0.8
0.7
1.2
V
V
RPWR_ON
Pull-Down Resistance
4.5
MΩ
I2C Port
DVDD
DVDD Input Supply Voltage
l
1.6
5.5
V
IDVDD
DVDD Quiescent Current
SCL/SDA = 0kHz
0.5
μA
VDVDD_UVLO DVDD UVLO Level
0.8
V
ADDRESS
Device Address – Write
Device Address – Read
01101000
01101001
VIH SDA, SCL
VIL SDA, SCL
SDA and SCL Input Threshold Rising
SDA and SCL Input Threshold Falling
70
30
%DVDD
%DVDD
IIHSCx IILSCx SDA and SCL Input Current
SDA = SCL = 0V to 5.5V
–250
250
nA
VOL SDA
SDA Output Low Voltage
ISDA = 3mA
l
0.4
V
fSCL
SCL Clock Operating Frequency
400
kHz
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = PVIN1 = PVIN2 = PVIN3 = PVIN4 = VIN_LDO2 = VIN_LDO34
= DVDD = 3.8V. All regulators disabled unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com