Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3971 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3971
Description  High Efficiency, 65V 500mA Synchronous
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971 Datasheet(HTML) 2 Page - Linear Technology

  LT3971 Datasheet HTML 1Page - Linear Technology LT3971 Datasheet HTML 2Page - Linear Technology LT3971 Datasheet HTML 3Page - Linear Technology LT3971 Datasheet HTML 4Page - Linear Technology LT3971 Datasheet HTML 5Page - Linear Technology LT3971 Datasheet HTML 6Page - Linear Technology LT3971 Datasheet HTML 7Page - Linear Technology LT3971 Datasheet HTML 8Page - Linear Technology LT3971 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC3630
2
3630fb
ABSOLUTE MAXIMUM RATINGS
VIN Supply Voltage..................................... –0.3V to 70V
SW Voltage (DC) ........................... –0.3V to (VIN + 0.3V)
RUN Voltage................................................. –0.3V to 6V
SS, FBO, ISET Voltages................................. –0.3V to 6V
VFB, VPRG1, VPRG2 Voltages ......................... –0.3V to 6V
(Note 1)
1
3
5
6
7
8
SW
VIN
RUN
VPRG2
VPRG1
GND
16
14
12
11
10
9
GND
GND
FBO
ISET
SS
VFB
TOP VIEW
17
GND
MSE PACKAGE
VARIATION: MSE16 (12)
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
16
15
14
13
12
11
10
9
17
GND
1
2
3
4
5
6
7
8
GND
NC
GND
NC
FBO
ISET
SS
VFB
SW
NC
VIN
NC
RUN
VPRG2
VPRG1
GND
TOP VIEW
DHC PACKAGE
16-LEAD (5mm
3mm) PLASTIC DFN
(NOTE 6)
TJMAX = 150°C, θJA = 43°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3630EMSE#PBF
LTC3630EMSE#TRPBF
3630
16-Lead Plastic MSOP
–40°C to 125°C
LTC3630IMSE#PBF
LTC3630IMSE#TRPBF
3630
16-Lead Plastic MSOP
–40°C to 125°C
LTC3630HMSE#PBF
LTC3630HMSE#TRPBF
3630
16-Lead Plastic MSOP
–40°C to 150°C
LTC3630MPMSE#PBF
LTC3630MPMSE#TRPBF
3630
16-Lead Plastic MSOP
–55°C to 150°C
LTC3630EDHC#PBF
LTC3630EDHC#TRPBF
3630
16-Lead (5mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3630IDHC#PBF
LTC3630IDHC#TRPBF
3630
16-Lead (5mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3630HDHC#PBF
LTC3630HDHC#TRPBF
3630
16-Lead (5mm × 3mm) Plastic DFN
–40°C to 150°C
LTC3630MPDHC#PBF
LTC3630MPDHC#TRPBF
3630
16-Lead (5mm × 3mm) Plastic DFN
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range (Notes 2, 3, 4)
LTC3630E, LTC3630I......................... –40°C to 125°C
LTC3630H.......................................... –40°C to 150°C
LTC3630MP....................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP ............................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com