Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3586 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3586
Description  7-Channel Confi gurable High Power PMIC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3586 Datasheet HTML 2Page - Linear Technology LTC3586 Datasheet HTML 3Page - Linear Technology LTC3586 Datasheet HTML 4Page - Linear Technology LTC3586 Datasheet HTML 5Page - Linear Technology LTC3586 Datasheet HTML 6Page - Linear Technology LTC3586 Datasheet HTML 7Page - Linear Technology LTC3586 Datasheet HTML 8Page - Linear Technology LTC3586 Datasheet HTML 9Page - Linear Technology LTC3586 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LTC3675
6
3675fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IFB6
Feedback Leakage Current
VFB6 = 0.85V
–50
50
nA
DC6BUCK(MAX)
Maximum Buck Duty Cycle
Duty Cycle of PMOS Switch A
l
100
%
DC6BOOST(MAX) Maximum Boost Duty Cycle
Duty Cycle of NMOS Switch C
75
%
RPMOS6
PMOS On-Resistance
Switches A and D
260
mΩ
RNMOS6
NMOS On-Resistance
Switches B and C
275
mΩ
ILEAKP
PMOS Switch Leakage Current
–2
2
μA
ILEAKN
NMOS Switch Leakage Current
–2
2
μA
tSS
Soft-Start Time
500
μs
ROUTPD6
Output Pull-Down Resistance in Shutdown
ENBB = 0
10
kΩ
LED Driver; RLED_FS = 20kΩ
IVIN7
Input Current (MODE0 = MODE1 = 0)
LED_OV = 0.85V (Notes 4, 5)
700
1000
μA
VLED_OV
LED Overvoltage Threshold
Feedback Voltage
Operating in LED Mode
Operating in Boost Mode
l
l
805
770
825
800
845
830
mV
mV
VLED_FS
LED Full-Scale Voltage
l
775
800
825
mV
VLED1,2
LED Pin Regulation Voltage
(Note 7)
300
mV
VLED1,2_CLMP
LED Regulation Voltage Clamp
l
6.0
8.3
V
ILIM7
Maximum Current Limit
(Note 6)
1.6
1.85
2.15
A
ILED_FS
LED Full-Scale Current
l
23.25
25.0
26.75
mA
ILED_2FS
LED Full Current High Current Mode
l
46.5
50
53.5
mA
ILED_MATCH
LED1 and LED2 Current Matching at
Full-Scale
|ILED1 −ILED2 |
ILED1 +ILED2
2
⎛
⎝⎜
⎞
⎠⎟
• 100
l
1%
ILED_LSB
LED Current LSB
98
μA
RNMOS7
NMOS On-Resistance
300
mΩ
ILEAK_NMOS7
NMOS Switch Leakage
VSW7 = 5.5V
–1
1
μA
FLEDOSC
Oscillator Frequency
l
450
562.5
675
kHz
DCMAX7
Maximum Duty Cycle
NMOS Switch
97
%
25mA Always-On LDO
VLDOFB
Feedback Regulation Voltage
l
780
800
820
mV
RDO
Dropout Resistance
12
Ω
I2C Port
DVCC
Input Supply Voltage
l
1.6
5.5
V
IDVCC
Input Supply Current
SCL/SDA= 0kHz
0.3
1
μA
DVCC_UVLO
DVCC UVLO
1V
ADDRESS
LTC3675 I2C Address
l
0001001[R/WB]
VIH
Input High Voltage
SDA/SCL
70
%DVCC
VIL
Input Low Voltage
SDA/SCL
30
%DVCC
IIH
Input High Current
SDA/SCL
–1
0
1
μA
IIL
Input Low Current
SDA/SCL
–1
0
1
μA
VOL_SDA
SDA Output Low Voltage
ISDA = 3mA
0.4
V
fSCL
Clock Operating Frequency
400
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com