Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3533 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3533
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3533 Datasheet(HTML) 2 Page - Linear Technology

  LTC3533 Datasheet HTML 1Page - Linear Technology LTC3533 Datasheet HTML 2Page - Linear Technology LTC3533 Datasheet HTML 3Page - Linear Technology LTC3533 Datasheet HTML 4Page - Linear Technology LTC3533 Datasheet HTML 5Page - Linear Technology LTC3533 Datasheet HTML 6Page - Linear Technology LTC3533 Datasheet HTML 7Page - Linear Technology LTC3533 Datasheet HTML 8Page - Linear Technology LTC3533 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3780
2
3780fe
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)........................ –0.3V to 36V
Topside Driver Voltages
(BOOST1, BOOST2) .................................. –0.3V to 42V
Switch Voltage (SW1, SW2) ........................ –5V to 36V
INTVCC, EXTVCC, (BOOST – SW1),
(BOOST2 – SW2), PGOOD .......................... –0.3V to 7V
RUN, SS....................................................... –0.3V to 6V
PLLIN Voltage .......................................... –0.3V to 5.5V
PLLFLTR Voltage....................................... –0.3V to 2.7V
FCB, STBYMD Voltages........................ –0.3V to INTVCC
ITH, VOSENSE Voltages .............................. –0.3V to 2.4V
(Note 1)
Peak Output Current <10μs (TG1, TG2, BG1, BG2).....3A
INTVCC Peak Output Current ................................. 40mA
Operating Junction Temperature Range (Notes 5, 2, 7)
LTC3780E............................................. –40°C to 85°C
LTC3780I............................................ –40°C to 125°C
LTC3780MP ....................................... –55°C to 125°C
Junction Temperature (Note 2) ............................ 125°C
Storage Temperature Range................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
SSOP Only ........................................................ 300°C
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
G PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
PGOOD
SS
SENSE+
SENSE–
ITH
VOSENSE
SGND
RUN
FCB
PLLFLTR
PLLIN
STBYMD
BOOST1
TG1
SW1
VIN
EXTVCC
INTVCC
BG1
PGND
BG2
SW2
TG2
BOOST2
TJMAX = 125°C, θJA = 130°C/W
32 31 30 29 28 27 26 25
9
10 11 12
TOP VIEW
33
UH PACKAGE
32-LEAD (5mm
5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
SENSE+
SENSE–
ITH
VOSENSE
SGND
RUN
FCB
PLLFTR
SW1
VIN
EXTVCC
INTVCC
BG1
PGND
BG2
SW2
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com