Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3855 Datasheet(PDF) 45 Page - Linear Technology

Part # LTC3855
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 45 Page - Linear Technology

Back Button LTC3855 Datasheet HTML 41Page - Linear Technology LTC3855 Datasheet HTML 42Page - Linear Technology LTC3855 Datasheet HTML 43Page - Linear Technology LTC3855 Datasheet HTML 44Page - Linear Technology LTC3855 Datasheet HTML 45Page - Linear Technology LTC3855 Datasheet HTML 46Page - Linear Technology LTC3855 Datasheet HTML 47Page - Linear Technology LTC3855 Datasheet HTML 48Page - Linear Technology LTC3855 Datasheet HTML 49Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
LTC3839
45
3839fa
TYPICAL APPLICATIONS
Figure 18. 4.5V to 14V Input, 1.2V/50A Output, 300kHz, DCR Sense, DTR Enabled, Step-Down Converter
3839 F18a
0.1μF
0.1μF
L2
0.33μH
L1
0.33μH
COUT4
100μF
2
COUT3
330μF
2
DB2
MT2
MB2
2.55k
+
LTC3839
2.2Ω
2.2Ω
10k
100k
41.2k
47.5k
137k
VIN
1μF
0.1μF
4.7μF
0.1μF
0.01μF
47pF
470pF
COUT2
330μF
2
COUT1
100μF
2
VOUT
1.2V
50A
VIN
4.5V TO 14V
10k
SENSE1–
SENSE1+
BOOST1
TG1
SW1
SENSE2+
BOOST2
TG2
SW2
DRVCC1
INTVCC
DRVCC2
EXTVCC
DB1
SENSE2–
BG1
BG2
PGND
VOUTSENSE
+
VOUTSENSE
–
PGOOD
TRACK/SS
ITH
DTR
VRNG
SGND
RT
PGOOD
MB1
MT1
1μF
CIN2
22μF
4
+
CIN1
180μF
+
2.55k
CIN1: SANYO 16SVP180MX
CIN2: MURATA GRM32ER61C226KE20L
COUT1, COUT4: MURATA GRM31CR60J107ME39L
COUT2, COUT3: SANYO 2R5TPE330M9
DB1, DB2: CENTRAL SEMI CMDSH-4ETR
L1, L2: VISHAY IHLP5050CEERR33M01
MT1, MT2: INFINEON BSC050NE2LS
MB1, MB2: INFINEON BSC010NE2LS
PHASMD
MODE/PLLIN
CLKOUT
RUN
LOAD CURRENT (A)
0.1
80
90
100
1
10
100
3839 F18b
70
60
50
0
6
8
10
4
2
VIN = 12V
FORCED
CONTINUOUS
MODE
DISCONTINUOUS
MODE
LOSS
DCM
LOSS
FORCED CM
LOAD CURRENT (A)
0.1
80
90
100
1
10
100
3839 F18c
70
60
50
0
6
8
10
4
2
VIN = 5V
FORCED
CONTINUOUS
MODE
DISCONTINUOUS
MODE
LOSS
DCM
LOSS
FORCED
CM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com