Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4444 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4444
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4444 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4444 Datasheet HTML 5Page - Linear Technology LTC4444 Datasheet HTML 6Page - Linear Technology LTC4444 Datasheet HTML 7Page - Linear Technology LTC4444 Datasheet HTML 8Page - Linear Technology LTC4444 Datasheet HTML 9Page - Linear Technology LTC4444 Datasheet HTML 10Page - Linear Technology LTC4444 Datasheet HTML 11Page - Linear Technology LTC4444 Datasheet HTML 12Page - Linear Technology LTC4444 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC3780
9
3780fe
PIN FUNCTIONS
Load Step
Load Step
Load Step
Line Transient
Line Transient
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT
500mV/DIV
200μs/DIV
VIN = 18V
VOUT = 12V
LOAD STEP: 0A TO 5A
CONTINUOUS MODE
3780 G27
IL
5A/DIV
VOUT
500mV/DIV
200μs/DIV
VIN = 12V
VOUT = 12V
LOAD STEP: 0A TO 5A
CONTINUOUS MODE
3780 G28
IL
5A/DIV
VOUT
500mV/DIV
200μs/DIV
VIN = 6V
VOUT = 12V
LOAD STEP: 0A TO 5A
CONTINUOUS MODE
3780 G29
IL
5A/DIV
VOUT
500mV/DIV
VIN
10V/DIV
500μs/DIV
VOUT = 12V
ILOAD = 1A
VIN STEP: 7V TO 20V
CONTINUOUS MODE
3780 G30
IL
1A/DIV
VOUT
500mV/DIV
VIN
10V/DIV
500μs/DIV
VOUT = 12V
ILOAD = 1A
VIN STEP: 20V TO 7V
CONTINUOUS MODE
3780 G31
IL
1A/DIV
(SSOP/QFN)
PGOOD (Pin 1/Pin 30): Open-Drain Logic Output. PGOOD
is pulled to ground when the output voltage is not within
±7.5% of the regulation point.
SS (Pin 2/Pin 31): Soft-start reduces the input power
sources’ surge currents by gradually increasing the
controller’s current limit. A minimum value of 6.8nF is
recommended on this pin.
SENSE+ (Pin 3/Pin 1):
The (+) Input to the Current Sense
and Reverse Current Detect Comparators. The ITH pin
voltage and built-in offsets between SENSE– and SENSE+
pins, in conjunction with RSENSE, set the current trip
threshold.
SENSE– (Pin 4/Pin 2):
The (–) Input to the Current Sense
and Reverse Current Detect Comparators.
ITH (Pin 5/Pin 3): Current Control Threshold and Error
Amplifier Compensation Point. The current comparator
threshold increases with this control voltage. The voltage
ranges from 0V to 2.4V.
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com