Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3853 Datasheet(PDF) 49 Page - Linear Technology

Part # LTC3853
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 49 Page - Linear Technology

Back Button LTC3853 Datasheet HTML 45Page - Linear Technology LTC3853 Datasheet HTML 46Page - Linear Technology LTC3853 Datasheet HTML 47Page - Linear Technology LTC3853 Datasheet HTML 48Page - Linear Technology LTC3853 Datasheet HTML 49Page - Linear Technology LTC3853 Datasheet HTML 50Page - Linear Technology LTC3853 Datasheet HTML 51Page - Linear Technology LTC3853 Datasheet HTML 52Page - Linear Technology LTC3853 Datasheet HTML 53Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
LTC3838
49
3838fa
TYPICAL APPLICATIONS
Figure 19. 6.5V to 34V Input, 5V/12A and 3.3V/12A Dual Output, 300kHz, RSENSE, 5V Output Tied to EXTVCC, Step-Down Converter
100k
3838 F19
1nF
0.1μF
L2
1.3μH
COUT4
100μF
COUT3
330μF
DB2
VOUT1
MT2
MB2
+
LTC3838
2.2Ω
2.2Ω
73.2k
100k
137k
220pF
220pF
22pF
22pF
53.6k
45.3k
VIN
1μF
1nF
4.7μF
0.1μF
0.01μF
0.01μF
L1
2.2μH
RS1
0.002Ω
RS2
0.002Ω
COUT2
150μF
2
COUT1
100μF
VOUT1
5V
12A
VOUT2
3.3V
12A
VIN
6.5V TO 34V
45.3k
10k
10k
SENSE1–
SENSE1+
BOOST1
TG1
SW1
SENSE2+
BOOST2
TG2
SW2
DRVCC1
INTVCC
DRVCC2
EXTVCC
DB1
SENSE2–
BG1
BG2
VFB2
PGND
VOUTSENSE1
+
VOUTSENSE1
–
PGOOD1
PGOOD2
TRACK/SS1
ITH1
DTR1
VRNG1
TRACK/SS2
ITH2
DTR2
PHASMD
MODE/PLLIN
CLKOUT
RUN2
VRNG2
SGND
RUN1
RT
PGOOD1
PGOOD2
MB1
MT1
1μF
CIN2
10μF
3
+
CIN1
220μF
+
20Ω
20Ω
20Ω
20Ω
CIN1: PANASONIC EEEFK1V221P
CIN2: TAIYO YUDEN GMK325BJ106MN-T
COUT1, COUT4: MURATA GRM31CR60J107ME39L
COUT2: SANYO 6TPE150MIC2
COUT3: SANYO 4TPD330M
DB1, DB2: DIODES INC. SDM10K45
L1: WÜRTH 7443320220
L2: WÜRTH 7443551130
MT1, MT2: INFINEON BSC093N04LSG
MB1, MB2: INFINEON BSC035N04LSG
LOAD CURRENT (A)
0.1
40
50
60
70
80
100
110
3838 F19b
90
0
0.5
1.0
1.5
2.0
3.0
2.5
FORCED CONTINUOUS MODE
DISCONTINUOUS MODE
EFFICIENCY
POWER
LOSS
VIN = 12V
VOUT = 5V
LOAD CURRENT (A)
0.1
40
50
60
70
80
100
110
3838 F19c
90
0
0.5
1.0
1.5
2.0
3.0
2.5
FORCED CONTINUOUS MODE
DISCONTINUOUS MODE
EFFICIENCY
POWER
LOSS
VIN = 12V
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com