Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4607 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4607
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology LTM4607 Datasheet HTML 10Page - Linear Technology LTM4607 Datasheet HTML 11Page - Linear Technology LTM4607 Datasheet HTML 12Page - Linear Technology LTM4607 Datasheet HTML 13Page - Linear Technology LTM4607 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC3780
10
3780fe
PIN FUNCTIONS (SSOP/QFN)
VOSENSE (Pin 6/Pin 4): Error Amplifier Feedback Input.
This pin connects the error amplifier input to an external
resistor divider from VOUT.
SGND (Pin 7/Pin 5): Signal Ground. All small-signal com-
ponents and compensation components should connect
to this ground, which should be connected to PGND at a
single point.
RUN (Pin 8/Pin 6): Run Control Input. Forcing the RUN
pin below 1.5V causes the IC to shut down the switching
regulator circuitry. There is a 100k resistor between the RUN
pin and SGND in the IC. Do not apply >6V to this pin.
FCB (Pin 9/Pin 7): Forced Continuous Control Input. The
voltage applied to this pin sets the operating mode of the
controller. When the applied voltage is less than 0.8V, the
forced continuous current mode is active. When this pin
is allowed to float, the Burst Mode operation is active in
boost operation and the skip-cycle mode is active in buck
operation. When the pin is tied to INTVCC, the constant
frequency discontinuous current mode is active in buck
or boost operation.
PLLFLTR (Pin 10/Pin 8): The phase-locked loop’s
lowpass filter is tied to this pin. Alternatively, this pin can
be driven with an AC or DC voltage source to vary the
frequency of the internal oscillator.
PLLIN (Pin 11/Pin 10): External Synchronization Input to
Phase Detector. This pin is internally terminated to SGND
with 50kΩ. The phase-locked loop will force the rising
bottom gate signal of the controller to be synchronized
with the rising edge of the PLLIN signal.
STBYMD (Pin 12/Pin 11): LDO Control Pin. Determines
whether the internal LDO remains active when the control-
ler is shut down. See Operation section for details. If the
STBYMD pin is pulled to ground, the SS pin is internally
pulled to ground, preventing start-up and thereby provid-
ing a single control pin for turning off the controller. To
keep the LDO active when RUN is low, for example to
power a “wake up” circuit which controls the state of the
RUN pin, bypass STBYMD to signal ground with a 0.1μF
capacitor, or use a resistor divider from VIN to keep the
pin within 2V to 5V.
BOOST2, BOOST1 (Pins 13, 24/Pins 14, 27): Boosted
Floating Driver Supply. The (+) terminal of the bootstrap
capacitor CAandCB(Figure11)connectshere.TheBOOST2
pin swings from a diode voltage below INTVCC up to VIN
+ INTVCC. The BOOST1 pin swings from a diode voltage
below INTVCC up to VOUT + INTVCC.
TG2, TG1 (Pins 14, 23/Pins 15, 26): Top Gate Drive. Drives
the top N-channel MOSFET with a voltage swing equal to
INTVCC superimposed on the switch node voltage SW.
SW2, SW1 (Pins 15, 22/Pins 17, 24): Switch Node. The (–)
terminal of the bootstrap capacitor CA and CB (Figure 11)
connects here. The SW2 pin swings from a Schottky diode
(external) voltage drop below ground up to VIN. The SW1
pin swings from a Schottky diode (external) voltage drop
below ground up to VOUT.
BG2, BG1 (Pins 16, 18/Pins 18, 20): Bottom Gate Drive.
Drives the gate of the bottom N-channel MOSFET between
ground and INTVCC.
PGND (Pin 17/Pin 19): Power Ground. Connect this pin
closely to the source of the bottom N-channel MOSFET, the
(–) terminal of CVCC and the (–) terminal of CIN (Figure 11).
INTVCC (Pin 19/Pin 21): Internal 6V Regulator Output. The
driver and control circuits are powered from this voltage.
Bypass this pin to ground with a minimum of 4.7μF low
ESR tantalum or ceramic capacitor.
EXTVCC (Pin 20/Pin 22): External VCC Input. When EXTVCC
exceeds 5.7V, an internal switch connects this pin to INTVCC
and shuts down the internal regulator so that the controller
and gate drive power is drawn from EXTVCC. Do not exceed
7V at this pin and ensure that EXTVCC < VIN.
VIN (Pin 21/Pin 23): Main Input Supply. Bypass this pin
to SGND with an RC filter (1Ω, 0.1μF).
Exposed Pad (Pin 33, QFN Only): This pin is SGND and
must be soldered to PCB ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com