Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1640AH Datasheet(PDF) 1 Page - Linear Technology

Part # LT1640AH
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AH Datasheet(HTML) 1 Page - Linear Technology

  LT1640AH Datasheet HTML 1Page - Linear Technology LT1640AH Datasheet HTML 2Page - Linear Technology LT1640AH Datasheet HTML 3Page - Linear Technology LT1640AH Datasheet HTML 4Page - Linear Technology LT1640AH Datasheet HTML 5Page - Linear Technology LT1640AH Datasheet HTML 6Page - Linear Technology LT1640AH Datasheet HTML 7Page - Linear Technology LT1640AH Datasheet HTML 8Page - Linear Technology LT1640AH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LTC4211
1
4211fb
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Hot Swap Controller with
Multifunction Current Control
APPLICATIONS
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and Hot Swap
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
n Allows Safe Board Insertion and Removal
from a Live Backplane
n Controls Supply Voltages from 2.5V to 16.5V
n Programmable Soft-Start with Inrush Current
Limiting, No External Gate Capacitor Required
n Faster Turn-Off Time Because No External Gate
Capacitor is Required
n Dual Level Overcurrent Fault Protection
n Programmable Response Time for Overcurrent
Protection (MS)
n Programmable Overvoltage Protection (MS)
n Automatic Retry or Latched Mode Operation (MS)
n High Side Drive for an External N-Channel FET
n User-Programmable Supply Voltage Power-Up Rate
n FB Pin Monitors VOUT and Signals RESET
n Glitch Filter Protects Against Spurious RESET Signal
n Electronic Circuit Breaker
n Hot Board Insertion and Removal (Either On
Backplane or On Removable Card)
n Industrial High Side Switch/Circuit Breaker
The LTC®4211 is a Hot Swap™ controller that allows a board
to be safely inserted and removed from a live backplane.
An internal high side switch driver controls the gate of an
external N-channel MOSFET for supply voltages ranging
from 2.5V to 16.5V. The LTC4211 provides soft-start and
inrush current limiting during the start-up period which
has a programmable duration.
Two on-chip current limit comparators provide dual level
overcurrent circuit breaker protection. The slow com-
parator trips at VCC – 50mV and activates in 20μs (or is
programmed by an external filter capacitor, MS only).
The fast comparator trips at VCC – 150mV and typically
responds in 300ns.
The FB pin monitors the output supply voltage and signals
the RESET output pin. The ON pin signal turns the chip on
and off and can also be used for the reset function. The
MS package has FAULT and FILTER pins to provide addi-
tional functions like fault indication, autoretry or latch-off
modes, programmable current limit response time and
programmable overvoltage protection using an external
Zener diode clamp.
Single Channel 5V Hot Swap Controller
Power-Up Sequence
+
VCC
SENSE
LTC4211
8
2
34
76
CLOAD
VOUT
5V
5A
GND
4211 TA01A
5
1
R4
15k
GATE
GND
TIMER
PCB CONNECTION SENSE
CTIMER
10nF
FB
ON
SHORT
LONG
VCC
5V
GND
LONG
Z1 = 1SMA10A OR SMAJ10A
* OPTIONAL
RESET
R2
10k
R1
20k
RX
10Ω
RSENSE
0.007Ω
PCB EDGE
CONNECTOR
(MALE)
M1
Si4410DY
Z1*
R3
36k
R5
10k
μP
LOGIC
RESET
CX
100nF
BACKPLANE
CONNECTOR
(FEMALE)
4211 TA01b
2.5ms/DIV
NO CLOAD
VGATE
5V/DIV
VRESET
5V/DIV
VON
1V/DIV
VTIMER
1V/DIV


Similar Part No. - LT1640AH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640AH LINER-LT1640AH Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
LT1640AH LINER-LT1640AH Datasheet
319Kb / 36P
Negative Voltage Hot Swap Controllers
LT1640AH LINER-LT1640AH Datasheet
310Kb / 34P
??8V Hot Swap Controllers
LT1640AH LINER-LT1640AH Datasheet
326Kb / 16P
Negative Voltage Hot Swap Controller
LT1640AH LINER-LT1640AH Datasheet
213Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
More results

Similar Description - LT1640AH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
Hot Swap??Controller
logo
Linear Technology
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com