Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4263 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4263
Description  12-Port PoE/PoE/LTPoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 19Page - Linear Technology LTC4263 Datasheet HTML 20Page - Linear Technology LTC4263 Datasheet HTML 21Page - Linear Technology LTC4263 Datasheet HTML 22Page - Linear Technology LTC4263 Datasheet HTML 23Page - Linear Technology LTC4263 Datasheet HTML 24Page - Linear Technology LTC4263 Datasheet HTML 25Page - Linear Technology LTC4263 Datasheet HTML 26Page - Linear Technology LTC4263 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC4270/LTC4271
23
42701fb
Port Current Policing
The LTC4270/LTC4271 can augment tCUT current moni-
toring with a policing function to track the one second
current averages. A port violating the user-specified Port
Police Threshold will be shut off with both a tCUT and
Police event recorded. A port current Police event can be
differentiated from a port tCUT violation by reading both
events bits; both bits are set for a Police violation while
only the tCUT bit is set for tCUT timer violations.
Port Voltage Readback
The LTC4270/LTC4271 measures the output voltage at
each port with an internal A/D converter. Port data is
only valid when the port power is on and reads zero at
all other times.
Disconnect
The LTC4270/LTC4271 monitors powered ports to ensure
thePDcontinuestodrawtheminimumspecifiedcurrent.A
disconnecttimercountsupwheneverportcurrentisbelow
7.5mA(typ),indicatingthatthePDhasbeendisconnected.
If the tDIS timer expires, the port will be turned off and the
disconnect bit in the fault event register will be set. If the
current returns before the tDIS timer runs out, the timer
resets. As long as the PD exceeds the minimum current
level more often than tDIS, it will remain powered.
Although not recommended, the DC disconnect feature
can be disabled by clearing the corresponding enable bits.
Note that this defeats the protection mechanisms built
into the IEEE specification, since a powered port will stay
powered after the PD is removed. If the still-powered port
is subsequently connected to a non-PoE data device, the
device may be damaged.
The LTC4270/LTC4271 does not include AC disconnect
circuitry, but includes AC Disconnect Enable bits to main-
tain compatibility with the LTC4259A. If the AC Disconnect
Enable bits are set, DC disconnect will be used.
ApplicAtions inForMAtion
Masked Shutdown
The LTC4270/LTC4271 provides a low latency port shed-
ding feature to quickly reduce the system load when
required. By allowing a pre-determined set of ports to
be turned off, the current on an overloaded main power
supply can be reduced rapidly while keeping high priority
devices powered. Each port can be configured to high or
low priority; all low-priority ports will shut down within
6.5μs after the MSD pin is pulled low, high priority ports
will remain powered. If a port is turned off via MSD, the
correspondingDetectionandClassificationEnablebitsare
cleared, so the port will remain off until the host explicitly
re-enables detection.
In the LTC4270/LTC4271 chipset the active level of MSD
is register configurable as active high or low. The default
is LTC4266-compatible active low behavior.
VEE Readback
The LTC4270/LTC4271 measures the VEE voltage with an
internal 12-bit A/D converter.
General Purpose IO
Two sets of general purpose IO pins are available in the
LTC4270/LTC4271chipset.Thefirstsetofgeneralpurpose
IO are GP1 and GP0. These fully bidirectional IO are 3.3V
CMOS IO on the LTC4271 chip.
The second set of general purpose IO pins are XIO1 and
XIO0. These fully bidirectional IO are 4.3V CMOS IO on
the LTC4270 chip.
Code Download
LTC4271 firmware is field-upgradable by downloading
and executing RAM images. RAM images are volatile
and must be re-downloaded after each VDD power cycle,
but will remain valid during reset and VEE power events.
Contact Linear Technology for code download procedures
and RAM images.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com