Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4250 Datasheet(PDF) 3 Page - Linear Technology

Part # LT4250
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4250 Datasheet(HTML) 3 Page - Linear Technology

  LT4250 Datasheet HTML 1Page - Linear Technology LT4250 Datasheet HTML 2Page - Linear Technology LT4250 Datasheet HTML 3Page - Linear Technology LT4250 Datasheet HTML 4Page - Linear Technology LT4250 Datasheet HTML 5Page - Linear Technology LT4250 Datasheet HTML 6Page - Linear Technology LT4250 Datasheet HTML 7Page - Linear Technology LT4250 Datasheet HTML 8Page - Linear Technology LT4250 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LTC4253/LTC4253A
3
425353afe
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
LTC4253
LTC4253A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VZ
VIN – VEE Zener Voltage
IIN = 2mA
● 11.5
13
14.5
11.5
13
14.5
V
RZ
VIN – VEE Zener Dynamic Impedance
IIN = (2mA to 30mA)
5
5
Ω
IIN
VIN Supply Current
UV = OV = 4V, VIN = (VZ – 0.3V)
●
0.8
2
1.1
2
mA
VLKO
VIN Undervoltage Lockout
Coming Out of UVLO (Rising VIN)
●
9.2
11.5
9
10
V
VLKH
VIN Undervoltage Lockout Hysteresis
● 0.5
1
1.5
0.25
0.5
0.75
V
VIH
TTL Input High Voltage
●
22
V
VIL
TTL Input Low Voltage
●
0.8
0.8
V
VHYST
TTL Input Buffer Hysteresis
600
600
mV
IRESET
RESET Input Current
VEE ≤ VRESET ≤ VIN
●
±0.1
±10
±0.1
±10
μA
IEN
EN2, EN3 Input Current
VEN = 4V VEN = 0V
●
●
60
120
±0.1
180
±10
60
120
±0.1
180
±10
μA
μA
VCB
Circuit Breaker Current Limit Voltage
VCB = (VSENSE – VEE)
●
40
50
60
45
50
55
mV
VACL
Analog Current Limit Voltage
VACL = (VSENSE – VEE), SS = Open or 2.2V
●
80
100
120
mV
VACL
VCB
Analog Current Limit Voltage
Circuit Breaker Current Limit Voltage
VACL = (VSENSE – VEE), SS = Open or 1.4V
●
1.05
1.20
1.38
V/V
VFCL
Fast Current Limit Voltage
VFCL = (VSENSE – VEE)
● 150
200
300
150
200
300
mV
VSS
SS Voltage
After End of SS Timing Cycle
●
2
2.2
2.4
1.25
1.4
1.55
V
ISS
SS Pin Current
UV = OV = 4V, VSENSE = VEE,
VSS = 0V (Sourcing)
●
12
22
32
16
28
40
μA
UV = OV = 0V, VSENSE = VEE,
VSS = 1V (Sinking)
28
28
mA
RSS
SS Output Impedance
100
50
kΩ
VOS
Analog Current Limit Offset Voltage
10
10
mV
VACL + VOS
VSS
Ratio (VACL + VOS) to SS Voltage
0.05
0.05
V/V
IGATE
GATE Pin Output Current
UV = OV = 4V, VSENSE = VEE,
VGATE = 0V (Sourcing)
●
30
50
70
30
50
70
μA
UV = OV = 4V, VSENSE – VEE = 0.15V,
VGATE = 3V (Sinking)
17
17
mA
UV = OV = 4V, VSENSE – VEE = 0.3V,
VGATE = 1V (Sinking)
190
190
mA
VGATE
External MOSFET Gate Drive
VGATE – VEE, IIN = 2mA
●
10
12
VZ
10
12
VZ
V
VGATEL
Gate Low Threshold
Before Gate Ramp Up
0.5
0.5
V
VGATEH
Gate High Threshold
VGATEH = VIN – VGATE, for PWRGD1,
PWRGD2, PWRGD3 Status
2.8
2.8
V
VUVHI
UV Pin Threshold HIGH
UV Low to High
● 3.075 3.225 3.375
V
VUVLO
UV Pin Threshold LOW
UV High to Low
● 2.775 2.925 3.075
V
VUV
UV Pin Threshold
UV Low to High
●
3.05
3.08
3.11
V
VUVHST
UV Pin Hysteresis
●
230
300
350
292
324
356
mV
mV
VOVHI
OV Pin Threshold HIGH
OV Low to High
● 5.85 6.15 6.45
V
VOVLO
OV Pin Threshold LOW
OV High to Low
● 5.55 5.85 6.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com