Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4263 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC4263
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 23Page - Linear Technology LTC4263 Datasheet HTML 24Page - Linear Technology LTC4263 Datasheet HTML 25Page - Linear Technology LTC4263 Datasheet HTML 26Page - Linear Technology LTC4263 Datasheet HTML 27Page - Linear Technology LTC4263 Datasheet HTML 28Page - Linear Technology LTC4263 Datasheet HTML 29Page - Linear Technology LTC4263 Datasheet HTML 30Page - Linear Technology LTC4263 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
LTC4278
27
4278fc
APPLICATIONS INFORMATION
A final note—the susceptibility of the system to bistable
behavior is somewhat a function of the load current/
voltage characteristics. A load with resistive—i.e., I =
V/R behavior—is the most apt to be bistable. Capacitive
loads that exhibit I = V2/R behavior are less susceptible.
Secondary Leakage Inductance
Leakage inductance on the secondary forms an inductive
divider on the transformer secondary, reducing the size
of the flyback pulse. This increases the output voltage
target by a similar percentage. Note that unlike leakage
spike behavior, this phenomenon is independent of load.
Since the secondary leakage inductance is a constant
percentage of mutual inductance (within manufacturing
variations), the solution is to adjust the feedback resistive
divider ratio to compensate.
Winding Resistance Effects
Primary or secondary winding resistance acts to reduce
overallefficiency(POUT/PIN).Secondarywindingresistance
increases effective output impedance, degrading load
regulation. Load compensation can mitigate this to some
extent but a good design keeps parasitic resistances low.
Bifilar Winding
A bifilar, or similar winding, is a good way to minimize
troublesome leakage inductances. Bifilar windings also
improve coupling coefficients, and thus improve cross
regulation in multiple winding transformers. However,
tight coupling usually increases primary-to-secondary
capacitance and limits the primary-to-secondary
breakdown voltage, so is not always practical.
Primary Inductance
The transformer primary inductance, LP, is selected
based on the peak-to-peak ripple current ratio (X) in the
transformer relative to its maximum value. As a general
rule, keep X in the range of 20% to 40% (i.e., X = 0.2 to
0.4).Highervaluesofripplewillincreaseconductionlosses,
while lower values will require larger cores.
Ripplecurrentandpercentagerippleislargestatminimum
duty cycle; in other words, at the highest input voltage.
LP is calculated from the following equation.
LP =
VIN(MAX) •DCMIN
(
)2
fOSC • XMAX •PIN
=
VIN(MAX) •DCMIN
(
)2 •Eff
fOSC • XMAX •POUT
where:
fOSC is the oscillator frequency
DCMIN is the DC at maximum input voltage
XMAX is ripple current ratio at maximum input voltage
Using common high power PoE values, a 48V (41V < VIN
< 57V) to 5V/5.3A converter with 90% efficiency, POUT=
26.5W and PIN = 29.5W. Using X = 0.4 N = 1/8 and fOSC
= 200kHz:
DCMIN =
1
1
+
N • VIN(MAX)
VOUT
=
1
1
+ 1
8
• 57
5
= 41.2%
LP =
57V • 0.412
(
)
2
200kHz • 0.4 • 26.5W
=260µH
Optimization might show that a more efficient solution
is obtained at higher peak current but lower inductance
and the associated winding series resistance. A simple
spreadsheet program is useful for looking at tradeoffs.
Transformer Core Selection
Once LP is known, the type of transformer is selected.
High efficiency converters use ferrite cores to minimize
core loss. Actual core loss is independent of core size for
afixedinductance,butdecreasesasinductanceincreases.
Sinceincreasedinductanceisaccomplishedthroughmore
turns of wire, copper losses increase. Thus, transformer
design balances core and copper losses. Remember that
increasedwindingresistancewilldegradecrossregulation
and increase the amount of load compensation required.
The main design goals for core selection are reducing
copper losses and preventing saturation. Ferrite core
material saturates hard, rapidly reducing inductance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com