Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4264 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4264
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4264 Datasheet HTML 3Page - Linear Technology LTC4264 Datasheet HTML 4Page - Linear Technology LTC4264 Datasheet HTML 5Page - Linear Technology LTC4264 Datasheet HTML 6Page - Linear Technology LTC4264 Datasheet HTML 7Page - Linear Technology LTC4264 Datasheet HTML 8Page - Linear Technology LTC4264 Datasheet HTML 9Page - Linear Technology LTC4264 Datasheet HTML 10Page - Linear Technology LTC4264 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
LTC4278
7
4278fc
TEMPERATURE (°C)
–50
8
9
25
75
4278 G12
7
6
–25
0
50
100
125
5
4
3
10
DYNAMIC CURRENT CPG = 1nF,
CSG = 1nF, fOSC = 100kHz
STATIC PART CURRENT
VCC = 14V
TEMPERATURE (°C)
–50
90
92
96
98
100
110
104
0
50
75
4278 G13
94
106
108
102
–25
25
100 125
FB = 1.1V
SENSE = VSENSE+
WITH VSENSE– = 0V
TEMPERATURE (°C)
–50
215
25
4278 G14
200
190
–25
0
50
185
180
220
210
205
195
75
100 125
SENSE = VSENSE+
WITH VSENSE– = 0V
TEMPERATURE (°C)
–50
90
92
96
98
100
110
104
0
50
75
4278 G15
94
106
108
102
–25
25
100 125
COSC = 100pF
TEMPERATURE (°C)
–50
1.230
1.231
1.233
1.234
1.235
1.240
1.237
0
50
75
4278 G16
1.232
1.238
1.239
1.236
–25
25
100 125
TEMPERATURE (°C)
–50
200
250
300
25
75
4278 G17
150
100
–25
0
50
100
125
50
0
RCMP OPEN
TEMPERATURE (°C)
–50
1.03
25
4278 G18
1.00
0.98
–25
0
50
0.97
0.96
1.04
1.02
1.01
0.99
75
100 125
TYPICAL PERFORMANCE CHARACTERISTICS
VCC Shutdown Current
vs Temperature
VCC Current vs Temperature
SENSE Voltage vs Temperature
SENSE Fault Voltage
vs Temperature
Oscillator Frequency
vs Temperature
VFB vs Temperature
Feedback Pin Input Bias
vs Temperature
VFB Reset vs Temperature
TEMPERATURE (°C)
–50
60
80
90
25
75
4278 G02
40
50
70
30
20
–25
0
50
100
125
10
0
VCC = 14V
VUVLO = 0
VFB (V)
0.9
–70
–50
–30
–10
70
30
1
1.1
1.4
50
10
1.2
1.3
1.5
4278 G19
125°C
25°C
–40°C
Feedback Amplifier Output
Current vs VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com