Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4274 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4274
Description  12-Port PoE/PoE/LTPoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4274 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4274 Datasheet HTML 17Page - Linear Technology LTC4274 Datasheet HTML 18Page - Linear Technology LTC4274 Datasheet HTML 19Page - Linear Technology LTC4274 Datasheet HTML 20Page - Linear Technology LTC4274 Datasheet HTML 21Page - Linear Technology LTC4274 Datasheet HTML 22Page - Linear Technology LTC4274 Datasheet HTML 23Page - Linear Technology LTC4274 Datasheet HTML 24Page - Linear Technology LTC4274 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC4270/LTC4271
21
42701fb
To aid in diagnosis, the Port Status register will always
report the results of the last class pulse, so an invalid
Class 4–Class 2 combination would report a second class
pulse was run in the High Power Status register (which
implies that the first cycle found class 4), and Class 2 in
the Port Status register.
POWER CONTROL
The primary function of the LTC4270/LTC4271 is to
control the delivery of power to the PSE port. It does this
by controlling the gate drive voltage of an external power
MOSFETwhilemonitoringthecurrentviaanexternalsense
resistorandtheoutputvoltageattheOUTpin.Thiscircuitry
serves to couple the raw VEE input supply to the port in
a controlled manner that satisfies the PDs power needs
while minimizing both power dissipation in the MOSFET
and disturbances on the VEE backplane.
Inrush Control
Once the command has been given to turn on a port, the
LTC4270/LTC4271 ramps up the GATE pin of that port’s
external MOSFET in a controlled manner. Under normal
power-up circumstances, the MOSFET gate will rise until
the port current reaches the inrush current limit level
(typically 425mA), at which point the GATE pin will be
servoed to maintain the specified IINRUSH current. During
this inrush period, a timer (tSTART) runs. When output
chargingiscomplete,theportcurrentwillfallandtheGATE
pin will be allowed to continue rising to fully enhance the
MOSFET and minimize its on-resistance. The final VGS is
nominally 12V. The inrush period is maintained until the
tSTART timer expires. At this time if the inrush current limit
level is still exceeded, the port will be turned back off and
a tSTART fault reported.
Current Limit
Each LTC4270/LTC4271 port includes two current limit-
ing thresholds (ICUT and ILIM), each with a corresponding
timer (tCUT and tLIM). Setting the ICUT and ILIM thresholds
ApplicAtions inForMAtion
depends on several factors: the class of the PD, the volt-
age of the main supply (VEE), the type of PSE (Type 1 or
Type 2), the sense resistor (0.5Ω or 0.25Ω), the SOA of
the MOSFET, and whether or not the system is required
to enforce class current levels.
Per the IEEE specification, the LTC4270/LTC4271 will al-
low the port current to exceed ICUT for a limited period of
time before removing power from the port, whereas it will
actively control the MOSFET gate drive to keep the port
current below ILIM. The port does not take any action to
limit the current when only the ICUT threshold is exceeded,
but does start the tCUT timer. If the current drops below
the ICUT current threshold before its timer expires, the
tCUT timer counts back down, but at 1/16 the rate that it
counts up. If the tCUT timer reaches 60ms (typical) the
port is turned off and the port tCUT fault is set. This allows
the current limit circuitry to tolerate intermittent overload
signalswithdutycyclesbelowabout6%;longerdutycycle
overloads will turn the port off.
The ILIM current limiting circuit is always enabled and ac-
tively limiting port current. The tLIM timer is enabled only
when the tLIM Enable bit is set. This allows tLIM to be set
to a shorter value than tCUT to provide more aggressive
MOSFET protection and turn off a port before MOSFET
damage can occur. The tLIM timer starts when the ILIM
threshold is exceeded. When the tLIM timer reaches 12ms
(typical) the port is turned off and the port tLIM fault is
set. When the tLIM Enable bit is disabled tLIM behaviors
are tracked by the tCUT timer, which counts up during both
ILIM and ICUT events.
ICUT is typically set to a lower value than ILIM to allow the
port to tolerate minor faults without current limiting.
Per the IEEE specification, the LTC4270/LTC4271 will
automatically set ILIM to 425mA (shown in bold in Table 6)
during inrush at port turn-on, and then switch to the
programmed ILIM setting once inrush has completed. To
maintain IEEE compliance, ILIM should be kept at 425mA
for all Type 1 PDs, and 850mA if a Type 2 PD is detected.
ILIM is automatically reset to 425mA when a port turns off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com