Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1785 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1785
Description  Complete Isolated RS485/RS422 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1785 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1785 Datasheet HTML 9Page - Linear Technology LT1785 Datasheet HTML 10Page - Linear Technology LT1785 Datasheet HTML 11Page - Linear Technology LT1785 Datasheet HTML 12Page - Linear Technology LT1785 Datasheet HTML 13Page - Linear Technology LT1785 Datasheet HTML 14Page - Linear Technology LT1785 Datasheet HTML 15Page - Linear Technology LT1785 Datasheet HTML 16Page - Linear Technology LT1785 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM2881
13
2881fe
reduce EMI emissions from equipment and data cables.
The reduced slew rate mode is entered by taking the SLO
pin low to GND2, where the data rate is limited to about
250kbps. Slew limiting also mitigates the adverse effects
of imperfect transmission line termination caused by stubs
or mismatched cables.
Figures 9a and 9b show the frequency spectrums of the
LTM2881 driver outputs in normal and SLO mode operat-
ing at 250kbps. SLO mode significantly reduces the high
frequency harmonics.
Receiver and Failsafe
With the receiver enabled, when the absolute value of the
differential voltage between the A and B pins is greater than
200mV, the state of RO will reflect the polarity of (A-B).
During data communication the receiver detects the state
of the input with symmetric thresholds around 0V. The
symmetric thresholds preserve duty cycle for attenu-
ated signals with slow transition rates on high capacitive
busses, or long cable lengths. The receiver incorporates
a failsafe feature that guarantees the receiver output to
be a logic-high during an idle bus, when the inputs are
shorted, left open or terminated, but not driven. The failsafe
feature eliminates the need for system level integration of
network pre-biasing by guaranteeing a logic-high on RO
under the conditions of an idle bus. Further network bias-
ing constructed to condition transient noise during an idle
state is unnecessary due to the common mode transient
rejection of the LTM2881. The failsafe detector monitors
A and B in parallel with the receiver and detects the state
APPLICATIONS INFORMATION
Figure 9a. Frequency Spectrum SLO Mode 125kHz Input
Figure 9b. Normal Mode Frequency Spectrum 125kHz Input
FREQUENCY (MHz)
2881 F09a
12.5
6.25
0
FREQUENCY (MHz)
2881 F09b
12.5
6.25
0
of the bus when A-B is above the input failsafe threshold
for longer than about 3μs with a hysteresis of 25mV. This
failsafe feature is guaranteed to work for inputs spanning
the entire common mode range of –7V to 12V.
The receiver output is internally driven high (to VL) or
low (to GND) with no external pull-up needed. When the
receiver is disabled the RO pin becomes Hi-Z with leakage
of less than ±1μA for voltages within the supply range.
Receiver Input Resistance
The receiver input resistance from A or B to GND2 is
greater than 96k permitting up to a total of 256 receivers
per system without exceeding the RS485 receiver loading
specification. High temperature H-/MP-Grade operation
reduces the input resistance to 48k permitting 128 re-
ceivers on the bus. The input resistance of the receiver is
unaffected by enabling/disabling the receiver or by power-
ing/unpowering the part. The equivalent input resistance
looking into A and B is shown in Figure 10.
Figure 10. Equivalent Input Resistance into A and B
60Ω
60Ω
A
TE
B
2881 F10
>96k
>96k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com