Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2863 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2863
Description  Complete Isolated RS485/RS422 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2863 Datasheet(HTML) 1 Page - Linear Technology

  LTC2863 Datasheet HTML 1Page - Linear Technology LTC2863 Datasheet HTML 2Page - Linear Technology LTC2863 Datasheet HTML 3Page - Linear Technology LTC2863 Datasheet HTML 4Page - Linear Technology LTC2863 Datasheet HTML 5Page - Linear Technology LTC2863 Datasheet HTML 6Page - Linear Technology LTC2863 Datasheet HTML 7Page - Linear Technology LTC2863 Datasheet HTML 8Page - Linear Technology LTC2863 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM2881
1
2881fe
TYPICAL APPLICATION
DESCRIPTION
Complete Isolated
RS485/RS422 µModule
Transceiver + Power
The LTM®2881 is a complete galvanically isolated full-
duplex RS485/RS422 μModule® transceiver. No external
components are required. A single supply powers both
sides of the interface through an integrated, isolated, low
noise, efficient 5V output DC/DC converter.
Coupled inductors and an isolation power transformer
provide 2500VRMS of isolation between the line transceiver
and the logic interface. This device is ideal for systems
where the ground loop is broken allowing for large com-
mon mode voltage variation. Uninterrupted communica-
tion is guaranteed for common mode transients greater
than 30kV/μs.
Maximum data rates are 20Mbps or 250kbps in slew
limited mode. Transmit data, DI and receive data, RO, are
implemented with event driven low jitter processing. The
receiver has a one-eighth unit load supporting up to 256
nodes per bus. A logic supply pin allows easy interfacing
with different logic levels from 1.62V to 5.5V, independent
of the main supply.
Enhanced ESD protection allows this part to withstand up
to ±15kV (human body model) on the transceiver interface
pins to isolated supplies and ±10kV through the isolation
barrier to logic supplies without latch-up or damage.
L, LT, LTC, LTM, Linear Technology, the Linear logo and μModule are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
Isolated Half-Duplex RS485 μModule Transceiver
FEATURES
APPLICATIONS
n UL Rated RS485/RS422 Transceiver: 2500VRMS
UL Recognized
®
File #E151738
n Isolated DC Power: 5V at Up to 200mA
n No External Components Required
n 20Mbps or Low EMI 250kbps Data Rate
n High ESD: ±15kV HBM on Transceiver Interface
n High Common Mode Transient Immunity: 30kV/μs
n Integrated Selectable 120Ω Termination
n 3.3V (LTM2881-3) or 5.0V (LTM2881-5) Operation
n 1.62V to 5.5V Logic Supply Pin for Flexible Digital Interface
n Common Mode Working Voltage: 560VPEAK
n High Input Impedance Failsafe RS485 Receiver
n Current Limited Drivers and Thermal Shutdown
n Compatible with TIA/EIA-485-A and PROFIBUS
n High Impedance Output During Internal Fault Condition
n Low Current Shutdown Mode (< 10μA)
n General Purpose CMOS Isolated Channel
n Small, Low Profile (15mm
× 11.25mm)
Surface Mount BGA and LGA Packages
n Isolated RS485/RS422 Interface
n Industrial Networks
n Breaking RS485 Ground Loops
n Isolated PROFIBUS-DP Networks
LTM2881 Operating Through 35kV/μs CM Transients
2881 TA01
TWISTED-PAIR
CABLE
AVAILABLE CURRENT:
150mA (LTM2881-5)
100mA (LTM2881-3)
A
VCC2
5V
RO
VL
TE
RE
DE
DI
GND
GND2
VCC
3.3V (LTM2881-3)
5V (LTM2881-5)
LTM2881
B
Y
Z
PWR
2881 TA01a
500V/DIV
50ns/DIV
1V/DIV
1V/DIV
DI
MULTIPLE SWEEPS
OF COMMON MODE
TRANSIENTS
RO


Similar Part No. - LTC2863

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2863 LINER-LTC2863 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC2863 LINER-LTC2863 Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2863 LINER-LTC2863 Datasheet
1Mb / 32P
짹60V Rugged PROFIBUS RS485 Transceivers
logo
Analog Devices
LTC2863 AD-LTC2863 Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2863 AD-LTC2863 Datasheet
999Kb / 24P
±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
More results

Similar Description - LTC2863

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
Multipoint RS485/RS422 Transceivers
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
Complete Isolated RS485/RS422 Module Transceiver Power
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com