Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9012 Datasheet(PDF) 28 Page - Linear Technology

Part # LTM9012
Description  Quad 14-Bit, 125Msps ADC with Integrated Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9012 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTM9012 Datasheet HTML 20Page - Linear Technology LTM9012 Datasheet HTML 21Page - Linear Technology LTM9012 Datasheet HTML 22Page - Linear Technology LTM9012 Datasheet HTML 23Page - Linear Technology LTM9012 Datasheet HTML 24Page - Linear Technology LTM9012 Datasheet HTML 25Page - Linear Technology LTM9012 Datasheet HTML 26Page - Linear Technology LTM9012 Datasheet HTML 27Page - Linear Technology LTM9012 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTM9012
28
9012f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2012
LT 0412 • PRINTED IN USA
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC2170-14/LTC2171-14/
LTC2172-14
14-Bit, 25Msps/40Msps/65Msps
1.8V Quad ADCs, Ultralow Power
178mW/234mW/360mW, 73.4dB SNR, 85dB SFDR, Serial LVDS Outputs,
7mm × 8mm QFN-52
LTC2173-14/LTC2174-14/
LTC2175-14
14-Bit, 80Msps/105Msps/125Msps
1.8V Quad ADCs, Ultralow Power
376mW/450mW/558mW, 73.4 dB SNR, 88dB SFDR, Serial LVDS Outputs,
7mm × 8mm QFN-52
LTC2263-14/LTC2264-14/
LTC2265-14
14-Bit, 25Msps/40Msps/65Msps
1.8V Dual ADCs, Ultralow Power
99mW/126mW/191mW, 73.4dB SNR, 85dB SFDR, Serial LVDS Outputs,
6mm × 6mm QFN-40
LTC2266-14/LTC2267-14/
LTC2268-14
14-Bit, 80Msps/105Msps/125Msps
1.8V Dual ADCs, Ultralow Power
216mW/250mW/293mW, 73.4dB SNR, 85dB SFDR, Serial LVDS Outputs,
6mm × 6mm QFN-40
LTM9009-14/LTM9010-14/
LTM9011-14
14-Bit, 80Msps/105Msps/125Msps
1.8V Octal ADCs, Ultralow Power
752mW/900mW/1116mW, 73.1dB SNR, 88dB SFDR, Serial LVDS Outputs,
11.25mm × 9mm BGA-140
LTM9012
9012 TA02
0.1µF
+IN
–IN
0V TO 3V PULSE SIGNAL
1.5V REFERENCE
3V
CH1+
CH1–
•
•
•
SHDN1
SHDN2
SHDN3
SHDN4
PAR/SER
VREF
OUTA+
OUTA–
•
•
•
SDO
FR–
FR+
DCO–
DCO+
1k
1%
–
+
464
1%
464
1%
¼LTC6254
3.3V
1.8V
Single-Ended Drive with Unity Gain Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com