Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8031MPV#PBF Datasheet(PDF) 22 Page - Linear Technology

Part # LTM8031MPV#PBF
Description  Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8031MPV#PBF Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM8031MPV#PBF Datasheet HTML 14Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 15Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 16Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 17Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 18Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 19Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 20Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 21Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTM8031
22
8031fb
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2009
LT 0412 REV B • PRINTED IN USA
relaTeD parTs
PART NUMBER
DESCRIPTION
COMMENTS
LTM4606
Ultralow Noise 6A DC/DC µModule Regulator
4.5V ≤ VIN ≤ 28V, 0.6V ≤ VOUT ≤ 5V, 15mm × 15mm × 2.8mm LGA
LTM4612
Ultralow Noise High VOUT DC/DC µModule Regulator
5A, 5V ≤ VIN ≤ 36V, 3.3V ≤ VOUT ≤ 15V, 15mm × 15mm × 2.8mm LGA
LTM8023
36V, 2A DC/DC µModule Regulator
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V, 9mm × 11.75mm × 2.8mm LGA
LTM8025
36V, 3A DC/DC µModule Regulator
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 24V, 9mm × 15mm × 4.32mm LGA
LTM8032
36V, 2A EMC DC/DC µModule Regulator
EN55022 Class B, 9mm
× 15mm × 2.8mm LGA. Pin Compatible with the
LTM8031
8V Step-Down Converter
RT
SHARE
VIN
FIN
1µF
4.7µF
26.7k
23.7k
VOUT
8V
1A
RUN/SS
VIN*
10.5V TO 36V
PGOOD
BIAS
LTM8031
AUX
OUT
SYNC GND
8031 TA06
ADJ
*RUNNING VOLTAGE RANGE.
SEE APPLICATIONS FOR START-UP DETAILS
Typical applicaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com