Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4613
Description  3.1VIN to 32VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTM8048
10
8048fa
OPERATION
The LTM8048 is a stand-alone isolated flyback switching
DC/DC power supply that can deliver up to 440mA of
output current. This module provides a regulated output
voltage programmable via one external resistor from 2.5V
to 13V. It is also equipped with a high performance linear
post regulator. The input voltage range of the LTM8048 is
3.1V to 32V. Given that the LTM8048 is a flyback converter,
the output current depends upon the input and output
voltages, so make sure that the input voltage is high
enough to support the desired output voltage and load
current. The Typical Performance Characteristics section
gives several graphs of the maximum load versus VIN for
several output voltages.
A simplified block diagram is given. The LTM8048 contains
a current mode controller, power switching element, power
transformer, power Schottky diode, a modest amount of
input and output capacitance and a high performance
linear post regulator.
The LTM8048 has a galvanic primary to secondary isola-
tion rating of 725VDC. This is verified by applying 725VDC
between the primary to secondary for 1 second and then
applying –725VDC for 1 second. For details please refer
to the Isolation and Working Voltage section.
An internal regulator provides power to the control cir-
cuitry. The bias regulator normally draws power from the
VIN pin, but if the BIAS pin is connected to an external
voltage higher than 3.1V, bias power will be drawn from
the external source, improving efficiency. VBIAS must not
exceed VIN. The RUN pin is used to turn on or off the
LTM8048, disconnecting the output and reducing the input
current to 1μA or less.
The LTM8048 is a variable frequency device. For a fixed
input and output voltage, the frequency increases as the
load increases. For light loads, the current through the
internal transformer may be discontinuous.
The post regulator is a high performance 300mA low
dropout regulator with micropower quiescent current and
shutdown. The device is capable of supplying 300mA at
a dropout voltage of 300mV. Output voltage noise can be
lowered to 20μVRMS over a 100Hz to 100kHz bandwidth
with the addition of a 0.01μF reference bypass capacitor.
Additionally, this reference bypass capacitor will improve
transient response of the regulator, lowering the settling
time for transient load conditions. The linear regulator is
protected against both reverse input and reverse output
voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com