Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1634 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1634
Description  Ultra Precision Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1634 Datasheet(HTML) 2 Page - Linear Technology

  LT1634 Datasheet HTML 1Page - Linear Technology LT1634 Datasheet HTML 2Page - Linear Technology LT1634 Datasheet HTML 3Page - Linear Technology LT1634 Datasheet HTML 4Page - Linear Technology LT1634 Datasheet HTML 5Page - Linear Technology LT1634 Datasheet HTML 6Page - Linear Technology LT1634 Datasheet HTML 7Page - Linear Technology LT1634 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTZ1000/LTZ1000A
2
1000afd
absoluTe MaxiMuM raTings
Heater to Substrate...................................................35V
Collector Emitter Breakdown Q1 ...............................15V
Collector Emitter Breakdown Q2...............................35V
Emitter Base Reverse Bias ..........................................2V
Operating Temperature Range .........–55°C ≤ TA ≤ 125°C
Storage Temperature Range ............–65°C ≤ TA ≤ 150°C
Substrate Forward Bias............................................ 0.1V
(Note 1)
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Zener Voltage
lZ = 5mA, (VZ + VBEQ1) IQ1 = 100µA
lZ = 1mA, (VZ + VBEQ1) IQ1 = 100µA
7.0
6.9
7.2
7.15
7.5
7.45
V
V
Zener Change with Current
1mA ≤ IZ < 5mA
80
240
mV
Zener Leakage Current
VZ = 5V
20
200
µA
Zener Noise
lZ = 5mA, 0.1Hz < f < 10Hz
1Q1 = 100µA
1.2
2
µVP-P
Heater Resistance
IL ≤ 100µA
200
300
420
Ω
Heater Breakdown Voltage
35
V
Transistor Q1 Breakdown
IC = 10µA, LVCEO
15
20
V
Transistor Q2 Breakdown
IC = 10µA, LVCEO
35
50
V
Q1, Q2 Current Gain
IC = 100µA
80
200
450
Thermal Resistance
LTZ1000
Time = 5 Minutes
LTZ1000A
Time = 5 Minutes
80
400
°C/W
°C/W
Long-Term Stability
T = 65°C
2
µV√kHr
(Note 2)
Note 2: All testing is done at 25°C. Pulse testing is used for LTZ1000A to
minimize temperature rise during testing. LTZ1000 and LTZ1000A devices
are QA tested at –55°C and 125°C.
pin conFiguraTion
BOTTOM VIEW
H8 PACKAGE
TO-5 METAL CAN
1
7V
Q1
Q2
3
5
4
8
7
6
2
TJMAX = 150°C,
LTZ1000CH:
θJA = 80°C/W
LTZ1000ACH:
θJA = 400°C/W
orDer inForMaTion
LEAD FREE FINISH
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTZ1000ACH#PBF
LTZ1000ACH
8-Lead TO-5 Metal Can (.200 Inch PCD)
–55°C to 125°C
LTZ1000CH#PBF
LTZ1000CH
8-Lead TO-5 Metal Can (.200 Inch PCD)
–55°C to 125°C
LEAD BASED FINISH
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTZ1000ACH
LTZ1000ACH
8-Lead TO-5 Metal Can (.200 Inch PCD)
–55°C to 125°C
LTZ1000CH
LTZ1000CH
8-Lead TO-5 Metal Can (.200 Inch PCD)
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com