Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS361UDJ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 1SS361UDJ
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1SS361UDJ Datasheet(HTML) 1 Page - Diodes Incorporated

  1SS361UDJ Datasheet HTML 1Page - Diodes Incorporated 1SS361UDJ Datasheet HTML 2Page - Diodes Incorporated 1SS361UDJ Datasheet HTML 3Page - Diodes Incorporated 1SS361UDJ Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1SS361UDJ
Document number: DS35236 Rev. 3 - 2
1 of 4
www.diodes.com
April 2012
© Diodes Incorporated
1SS361UDJ
DUAL SURFACE MOUNT SWITCHING DIODE
Features
•
Fast Switching Speed
•
Ultra-Small Surface Mount Package (1.0 x 0.8mm)
•
Ultra-Low Profile Package (0.45mm)
•
Low Forward Voltage: typ of 0.62V at IF = 1.0mA
•
Fast Reverse Recovery: max of 4.0ns
•
Low Capacitance: max of 3.0pF
•
Low Reverse Leakage Current
•
Ideal for Battery Powered Portable Applications
•
Lead Free By Design/RoHS Compliant (Note 1)
•
Halogen and Antimony Free "Green" Device (Notes 2 & 3)
Mechanical Data
•
Case: SOT963
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Finish
− Matte Tin Annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.003 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
1SS361UDJ-7
SOT963
10,000/Tape & Reel
Notes:
1. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. No purposely added lead.
2. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
5K = Product Type Marking Code
Top View
Internal Schematic
A1
NC
K2
A2
K1
NC
D2
D1
5K
SOT963


Similar Part No. - 1SS361UDJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1SS361UDJ DIODES-1SS361UDJ_15 Datasheet
100Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
More results

Similar Description - 1SS361UDJ

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Shenzhen Luguang Electr...
BAV70 LUGUANG-BAV70 Datasheet
206Kb / 2P
Dual Surface Mount Switching Diode
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
BAS116UDJ DIODES-BAS116UDJ_15 Datasheet
92Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev 3
logo
Galaxy Semi-Conductor H...
BAV74 BILIN-BAV74_17 Datasheet
126Kb / 3P
Dual surface mount switching diode
logo
Diodes Incorporated
BAW101 DIODES-BAW101_17 Datasheet
277Kb / 5P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com