Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS116LPH4 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAS116LPH4
Description  SURFACE MOUNT SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS116LPH4 Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS116LPH4 Datasheet HTML 1Page - Diodes Incorporated BAS116LPH4 Datasheet HTML 2Page - Diodes Incorporated BAS116LPH4 Datasheet HTML 3Page - Diodes Incorporated BAS116LPH4 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS116LPH4
Document number: DS35242 Rev. 5 - 2
3 of 4
www.diodes.com
November 2011
© Diodes Incorporated
BAS116LPH4
10
20
30
40
50
60
70
80
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
0.0001
0.001
0.01
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
f=1MHz
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
010
20
30
40
Package Outline Dimensions
Suggested Pad Layout
X2-DFN1006-2
Dim
Min
Max
Typ
A
0.34
0.4
0.37
A1
0
0.05
0.03
b
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
E
⎯
⎯
0.40
L
0.20
0.30
0.25
R
0.05
0.15
0.10
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.1
G
0.3
X
0.7
Y
0.4
C
0.7
L
E
b
R
e
D
A1
A
Z
X
C
G
Y



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com