Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP02002 Datasheet(PDF) 25 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 21Page - Diodes Incorporated AP02002 Datasheet HTML 22Page - Diodes Incorporated AP02002 Datasheet HTML 23Page - Diodes Incorporated AP02002 Datasheet HTML 24Page - Diodes Incorporated AP02002 Datasheet HTML 25Page - Diodes Incorporated AP02002 Datasheet HTML 26Page - Diodes Incorporated AP02002 Datasheet HTML 27Page - Diodes Incorporated AP02002 Datasheet HTML 28Page - Diodes Incorporated AP02002 Datasheet HTML 29Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
AP02002 Rev. 60
25 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
QSOP-16
QSOP-16
Dim
Min
Max
Typ
A
1.55
1.73
-
A1
0.10
0.25
-
A2
1.40
1.50
-
b
0.20
0.30
-
c
0.18
0.25
-
D
4.80
5.00
-
E
5.79
6.20
-
E1
3.81
3.99
-
e
0.635 BSC
h
0.254
0.508
-
L
0.41
1.27
-
L1
1.03 REF
L2
0.254 BSC
R
0.0762
-
-
R1
0.0762
-
-
ZD
0.23 REF
θ
-
θ1
15°
-
θ2
-
-
All Dimensions in mm
QSOP-20
QSOP-20
Dim
Min
Max
Typ
A
1.55
1.73
-
A1
0.10
0.25
-
A2
1.40
1.50
-
b
0.20
0.30
-
c
0.18
0.25
-
D
8.56
8.74
-
E
5.79
6.20
-
E1
3.81
3.99
-
e
0.635 BSC
h
0.254
0.508
-
L
0.41
1.27
-
L1
1.03 REF
L2
0.254 BSC
R
0.0762
-
-
R1
0.0762
-
-
ZD
1.47 REF
θ
-
θ1
15°
-
θ2
-
-
All Dimensions in mm
D
E 1
E
Z D
E / 2
E 1 / 2
e
b
P I N 1
A 2
A
A 1
S E E D E T A I L ' A '
L
L 1
G A U G E P L A N E
S E A T I N G P L A N E
L 2
1
4 x
1
4 x
h
h
R 1
R
2
c
θ
θ
θ
θ
D
E 1
E
Z D
E / 2
E 1 / 2
e
b
P I N 1
A 2
A
A 1
R 1
R
2
S E E D E T A I L ' A '
L
L 1
G A U G E P L A N E
S E A T I N G P L A N E
L 2
4 x
4 x
h
h
c
θ
θ1
θ1
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com