Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT143 Datasheet(PDF) 24 Page - Diodes Incorporated

Part # SOT143
Description  SUGGESTED PAD LAYOUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SOT143 Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button SOT143 Datasheet HTML 19Page - Diodes Incorporated SOT143 Datasheet HTML 20Page - Diodes Incorporated SOT143 Datasheet HTML 21Page - Diodes Incorporated SOT143 Datasheet HTML 22Page - Diodes Incorporated SOT143 Datasheet HTML 23Page - Diodes Incorporated SOT143 Datasheet HTML 24Page - Diodes Incorporated SOT143 Datasheet HTML 25Page - Diodes Incorporated SOT143 Datasheet HTML 26Page - Diodes Incorporated SOT143 Datasheet HTML 27Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
24 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
U-QFN3030-16 Type B
Dimensions
Value
(in mm)
C
0.500
G
0.150
G1
0.150
X
0.350
X1
1.800
Y
0.600
Y1
1.800
U-QFN4040-16 Type C
Dimensions
Value
(in mm)
C
0.650
X
0.400
X1
2.075
X2
0.550
X3
2.075
X4
4.400
Y
0.650
Y1
0.400
Y2
1.225
Y3
2.075
Y4
0.550
Y5
4.400
X (16x)
Y (16x)
C
Y1
X1
G1
G
1
Y2
Y3
X3
Y5
X1
C
Y (4x)
X (8x)
X2 (8x)
X4
Y1 (8x)
Y4 (4x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com