Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H30TL Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # H30TL
Description  Phase Control Thyristors, 25A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

H30TL Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  H30TL Datasheet HTML 1Page - Naina Semiconductor ltd. H30TL Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Phase Control Thyristors
Features
•
Improved glass passivation for high reliability
•
Exceptional stability at high temperatures
•
High di/dt and dv/dt capabilities
•
Metric thread type available
•
Low thermal resistance
Thermal and Mechanical Specifications
(TJ
Parameters
Maximum operating junction temperature range
Maximum storage temperature range
Maximum thermal resistance, junction to case
Mounting torque
Approximate weight
Electrical Ratings (TJ = 250C, unless otherwise noted)
Parameters
Symbol
Maximum on-state average current 180
O
sinusoidal conduction @ TJ = 85
0C
Maximum RMS on-state current
Maximum peak, one cycle non-repetitive
surge current
Maximum I
2t for fusing
Maximum repetitive peak on and off-state
voltage range
Maximum peak on-state voltage (TJ = 25
0C,
Ipeak = 79A)
Maximum holding current @ TJ
Maximum latching current @TJ
Maximum rate of rise of turn-on current,
VDRM ≤ 600V
Critical rate of rise of
off-state voltage
TJ = TJ maximum,
100% VDRM
TJ = TJ maximum,
67% VDRM
Maximum gate
current required to
trigger
anode supply 6 V
resistive load @TJ
Maximum gate
voltage required to
trigger
emiconductor Ltd.
Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120
sales@nainasemi.com
•
www.nainasemi.com
Phase Control Thyristors, 25A
glass passivation for high reliability
Exceptional stability at high temperatures
TO-208AA (TO
J = 25
0C, unless otherwise noted)
Symbol
Values
Maximum operating junction temperature range
TJ
- 60 to
TStg
- 60 to
Rth(JC)
0.
0.2(min) to 0.3(max)
C, unless otherwise noted)
Symbol
Values
Units
IT(AV)
25
A
IT(RMS)
40
A
ITSM
380
A
I
2t
800
A
2s
VRRM,
VDRM
200 to
1600
V
VTM
1.70
V
IH
150
mA
IL
400
mA
di/dt
200
A/µs
dv/dt
100
V/µs
300
IGT
60
mA
VGT
2.0
V
25NT
4205450
•
Fax: 0120-4273653
AA (TO-48)
Values
Units
to +125
0C
to +125
0C
0.9
0C/W
0.2(min) to 0.3(max)
mkg
14
g


Similar Part No. - H30TL

ManufacturerPart #DatasheetDescription
logo
Hind Rectifiers Limited...
H30TL HIRECT-H30TL Datasheet
89Kb / 6P
PHASE CONTROL THYRISTOR
H30TLXX HIRECT-H30TLXX Datasheet
89Kb / 6P
PHASE CONTROL THYRISTOR
More results

Similar Description - H30TL

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
Phase Control Thyristors
logo
Nell Semiconductor Co.,...
395PTAO NELLSEMI-395PTAO Datasheet
834Kb / 3P
PHASE CONTROL THYRISTORS
700PTBO NELLSEMI-700PTBO Datasheet
687Kb / 2P
PHASE CONTROL THYRISTORS
910PTCO NELLSEMI-910PTCO Datasheet
126Kb / 2P
Phase Control Thyristors
1150PTCO NELLSEMI-1150PTCO Datasheet
2Mb / 2P
PHASE CONTROL THYRISTORS
1200PTDO NELLSEMI-1200PTDO Datasheet
737Kb / 2P
PHASE CONTROL THYRISTORS
2180PTEO NELLSEMI-2180PTEO Datasheet
1Mb / 6P
PHASE CONTROL THYRISTORS
2550PTEO NELLSEMI-2550PTEO Datasheet
1Mb / 6P
PHASE CONTROL THYRISTORS
logo
Naina Semiconductor ltd...
25NT NAINA-25NT_17 Datasheet
149Kb / 2P
Phase Control Thyristors (Stud Type), 25A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com