Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK10DX32VMP5 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MK10DX32VMP5
Description  K10 Sub-Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK10DX32VMP5 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MK10DX32VMP5 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 10Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 11Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 12Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 13Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 14Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 15Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 16Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
5.2.3 Voltage and current operating behaviors
Table 4. Voltage and current operating behaviors
Symbol
Description
Min.
Max.
Unit
Notes
VOH
Output high voltage — high drive strength
• 2.7 V ≤ VDD ≤ 3.6 V, IOH = - 9 mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOH = -3 mA
VDD – 0.5
VDD – 0.5
—
—
V
V
Output high voltage — low drive strength
• 2.7 V ≤ VDD ≤ 3.6 V, IOH = -2 mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOH = -0.6 mA
VDD – 0.5
VDD – 0.5
—
—
V
V
IOHT
Output high current total for all ports
—
100
mA
VOL
Output low voltage — high drive strength
• 2.7 V ≤ VDD ≤ 3.6 V, IOL = 9 mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOL = 3 mA
—
—
0.5
0.5
V
V
Output low voltage — low drive strength
• 2.7 V ≤ VDD ≤ 3.6 V, IOL = 2 mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOL = 0.6 mA
—
—
0.5
0.5
V
V
IOLT
Output low current total for all ports
—
100
mA
IIN
Input leakage current (per pin)
• @ full temperature range
• @ 25 °C
—
—
1.0
0.1
μA
μA
1
IOZ
Hi-Z (off-state) leakage current (per pin)
—
1
μA
IOZ
Total Hi-Z (off-state) leakage current (all input pins)
—
4
μA
RPU
Internal pullup resistors
22
50
kΩ
2
RPD
Internal pulldown resistors
22
50
kΩ
3
1. Tested by ganged leakage method
2. Measured at Vinput = VSS
3. Measured at Vinput = VDD
5.2.4 Power mode transition operating behaviors
All specifications except tPOR, and VLLSx→RUN recovery times in the following table
assume this clock configuration:
• CPU and system clocks = 50 MHz
• Bus clock = 50 MHz
• Flash clock = 25 MHz
General
K10 Sub-Family Data Sheet, Rev. 4 5/2012.
Freescale Semiconductor, Inc.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com