Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A02TKLC Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # A02TKLC
Description  RF Power LDMOS Transistors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

A02TKLC Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  A02TKLC Datasheet HTML 1Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 2Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 3Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 4Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 5Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 6Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 7Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 8Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AFT09MS031NR1 AFT09MS031GNR1
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Dynamic Characteristics
Reverse Transfer Capacitance
(VDS = 13.6 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
2.1
—
pF
Output Capacitance
(VDS = 13.6 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
63
—
pF
Input Capacitance
(VDS = 13.6 Vdc, VGS =0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss
—
140
—
pF
Functional Tests (1) (In Freescale Narrowband Test Fixture, 50 ohm system) VDD = 13.6 Vdc, IDQ = 500 mA, Pout = 31W,f= 870 MHz
Common--Source Amplifier Power Gain
Gps
16.0
17.2
18.5
dB
Drain Efficiency
ηD
68.0
71.0
—
%
Load Mismatch/Ruggedness (In Freescale Test Fixture, 50 ohm system, IDQ = 500 mA)
Frequency
(MHz)
Signal
Type
VSWR
Pout
(W)
Test Voltage, VDD
Result
870
CW
>65:1 at all Phase Angles
54
(3 dB Overdrive)
17
No Device Degradation
1. Measurement made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull
wing (GN) parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com