Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK30DX256VLL7 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MK30DX256VLL7
Description  K30 Sub-Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK30DX256VLL7 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MK30DX256VLL7 Datasheet HTML 42Page - Freescale Semiconductor, Inc MK30DX256VLL7 Datasheet HTML 43Page - Freescale Semiconductor, Inc MK30DX256VLL7 Datasheet HTML 44Page - Freescale Semiconductor, Inc MK30DX256VLL7 Datasheet HTML 45Page - Freescale Semiconductor, Inc MK30DX256VLL7 Datasheet HTML 46Page - Freescale Semiconductor, Inc MK30DX256VLL7 Datasheet HTML 47Page - Freescale Semiconductor, Inc MK30DX256VLL7 Datasheet HTML 48Page - Freescale Semiconductor, Inc MK30DX256VLL7 Datasheet HTML 49Page - Freescale Semiconductor, Inc MK30DX256VLL7 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
0.04
0.05
0.06
0.07
0.08
00
01
10
HYSTCTR
Setting
0
0.01
0.02
0.03
0.1
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
10
11
Vin level (V)
Figure 15. Typical hysteresis vs. Vin level (VDD=3.3V, PMODE=0)
Peripheral operating requirements and behaviors
K30 Sub-Family Data Sheet, Rev. 2, 4/2012.
46
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com