Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR4 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # FR4
Description  RF Power LDMOS Transistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FR4 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button FR4 Datasheet HTML 5Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 6Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 7Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 8Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 9Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 10Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 11Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 12Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
AFT05MS031NR1 AFT05MS031GNR1
9
RF Device Data
Freescale Semiconductor, Inc.
380--450 MHz UHF WIDEBAND REFERENCE CIRCUIT
Figure 10. AFT05MS031NR1 UHF Wideband Reference Circuit Component Layout — 380--450 MHz
* C4 and C5 are mounted vertically.
C1
L1
C2
L2
L3
C4*
C5*
C3
R1
B1
C6
Q1
C13
C15
C14
L4
C8
L5
L6
C9
L7
C12
C11
C10
VGS
VDS
C7
B2
J1
TO--270--2
Rev. 0
C17
C16
Table 10. AFT05MS031NR1 UHF Wideband Reference Circuit Component Designations and Values — 380--450 MHz
Part
Description
Part Number
Manufacturer
B1
Low Current Ferrite Bead
2508051107Y0
Fair--Rite
B2
High Current Ferrite Bead
2518065007Y6
Fair--Rite
C1, C5
56 pF Chip Capacitors
ATC600F560JT250XT
ATC
C2
3.9 pF Chip Capacitor
ATC600F3R9BT250XT
ATC
C3
18 pF Chip Capacitor
ATC600F180JT250XT
ATC
C4
47 pF Chip Capacitor
ATC600F470JT250XT
ATC
C6, C12, C15
240 pF Chip Capacitors
ATC600F241JT250XT
ATC
C7
24 pF Chip Capacitor
ATC600F240JT250XT
ATC
C8
68 pF Chip Capacitor
ATC600F680JT250XT
ATC
C9
27 pF Chip Capacitor
ATC600F270JT250XT
ATC
C10
8.2 pF Chip Capacitor
ATC600F8R2BT250XT
ATC
C11
3.0 pF Chip Capacitor
ATC600F3R0BT250XT
ATC
C13
0.1 μF Chip Capacitor
GRM21BR71H104KA01B
Murata
C14
1 μF Chip Capacitor
GRM21BR71H105KA12L
Murata
C16, C17
10 μF Chip Capacitors
GRM31CR61H106KA12L
Murata
J1
3 Pin Connector
AMP--9--146305--0
TE Connectivity
L1, L2, L3, L6
5.5 nH Inductors
0806SQ--5N5GLC
Coilcraft
L4
17 nH Inductor
0908SQ--17NGLC
Coilcraft
L5
1.65 nH Inductor
0906--2KLC
Coilcraft
L7
2.55 nH Inductor
0906--3JLC
Coilcraft
Q1
RF Power LDMOS Transistor
AFT05MS031NR1
Freescale
R1
62 Ω, 1/4 W Chip Resistor
RG2012N--620--BT1
Susumu
PCB
0.020″, εr =4.9
S1000--2, FR4
Shengyi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com